Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose Wide Bandwidth, DC-Coupled VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
AD8336
Data Sheet
Rev. F | Page 12 of 27
10k
10
1
0.1
100
1k
SOURCE RESISTANCE (Ω)
10
INPUT-REFERRED NOISE
100
VGAIN = 0.7V
RS THERMAL NOISE ALONE
Figure 33. Input-Referred Noise vs. Source Resistance
(See Figure 72)
40
0
20
50
–800
–600
–200
–400
400
600
200
800
30
0
10
60
SIMULATED
DATA
UNTERMINATED
70
VGAIN (mV)
f = 10MHz
50Ω SOURCE
Figure 34. Noise Figure vs. VGAIN
(See Figure 63)
–40
1.0k
–50
0
LOAD RESISTANCE (Ω)
200
1.6k
400
1.4k
600
1.2k
800
–60
–65
–70
1.8k 2.0k 2.2k
–45
–55
HD3
HD2
VOUT = 2V p-p
VGAIN = 0V
f = 5MHz
Figure 35. Harmonic Distortion vs. Load Resistance
(See Figure 64)
–40
25
–50
0
LOAD CAPACITANCE (pF)
5
40
10
35
15
30
20
–60
HD3
–65
–70
45
50
HD2
–45
–55
VOUT = 2V p-p
VGAIN = 0V
f = 5MHz
Figure 36. Harmonic Distortion vs. Load Capacitance
(See Figure 64)
–30
400
–50
VGAIN (mV)
–600
800
–400
600
–200
200
0
–60
–80
–70
–40
–20
OUTPUT SWING OF PREAMP
LIMITS VGAIN TO –400mV
HD2 AT 1MHz
HD2 AT 10MHz
HD3 AT 1MHz
HD3 AT 10MHz
VOUT = 1V p-p
Figure 37. Second and Third Harmonic Distortion vs. VGAIN at 1 MHz and 10 MHz
(See Figure 64)
–30
–50
–60
–80
–70
–40
–20
400
VGAIN (mV)
–600
800
–400
600
–200
200
0
OUTPUT SWING OF PREAMP LIMITS
VGAIN LEVELS
VOUT = 0.5V p-p
VOUT = 1V p-p
VOUT = 2V p-p
VOUT = 4V p-p
HD2
f = 5MHz
Figure 38. Second Harmonic Distortion vs. VGAIN
for Four Values of Output Voltage (VOUT)
(See Figure 64)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com