Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose Wide Bandwidth, DC-Coupled VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
AD8336
Data Sheet
Rev. F | Page 24 of 27
EVALUATION BOARD
An evaluation board, AD8336-EVALZ, is available online for
the AD8336. Figure 82 is a photo of the board.
The board is shipped from the factory configured for a non-
inverting preamplifier gain of 4×. To change the value of the
gain of the preamplifier or to change the gain polarity to inverting,
alter the component values or install components in the alternate
locations provided. All components are standard 0603 size, and
the board is compliant with RoHS requirements. Table 6 shows
the components to be removed and added to change the amplifier
configuration to inverting gain.
Table 6. Component Changes for Inverting Configuration
Remove
Install
R4, R7
R5, R6
OPTIONAL CIRCUITRY
The AD8336 features differential inputs for the gain control,
permitting nonzero or floating gain control inputs. To avoid any
delay in making the board operational, the gain input circuit is
shipped with Pin GNEG connected to ground via a 0 Ω resistor
in the R17 location. The user can adjust the gain of the device
by driving the GPOS test loop with a power supply or voltage
reference. Optional resistor networks R15/R17 and R13/R14
provide fixed-gain bias voltages at Pin GNEG and Pin GPOS for
non-zero common-mode voltages. The gain control can also be
driven with an active input such as a ramp. Provision is made for
an optional SMA connector at PRVG for monitoring the
preamplifier output or for driving the VGA from an external
source. Remove the 0 Ω resistor at R9 to isolate the preamplifier
from an external generator. The capacitor at Location C1 limits
the bandwidth of the preamplifier.
BOARD LAYOUT CONSIDERATIONS
The evaluation board uses four layers, with power and ground
planes located between two conductor layers. This arrangement
is highly recommended for customers, and several views of the
board are provided as reference for board layout details. When
laying out a printed circuit board for the AD8336, remember to
provide a pad beneath the device to solder the exposed pad of
the matching device. The pad in the board must have at least
five vias to provide a thermal path for the chip scale package.
Unlike leaded devices, the thermal pad is the primary means
to remove heat dissipated within the device.
Figure 82. AD8336 Evaluation Board
Figure 83. Component Side Copper
Figure 84. Secondary Side Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com