Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose Wide Bandwidth, DC-Coupled VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Data Sheet
AD8336
Rev. F | Page 11 of 27
0.1
1
100
1k
10
FREQUENCY (Hz)
1M
500M
100M
10M
0.01
100k
VS = ±12V
VS = ±5V
VS = ±3V
Figure 27. Output Resistance vs. Frequency of the VGA
for Three Values of Supply Voltage (VS)
(See Figure 61)
0
100
–800
VGAIN (mV)
–600
–200
–400
400
600
200
800
0
1000
900
800
700
600
500
400
300
200
T = +125°C
T = +85°C
T = +25°C
T = –40°C
T = –55°C
f = 5MHz
Figure 28. Output-Referred Noise vs. VGAIN at Various Temperatures (T)
(See Figure 62)
0
–800
VGAIN (mV)
–600
–200
–400
400
600
200
800
300
0
3000
2700
2400
2100
1800
1500
1200
900
600
f = 5MHz
PREAMP GAIN = 20×
T = +125°C
T = +85°C
T = +25°C
T = –40°C
T = –55°C
Figure 29. Output-Referred Noise vs. VGAIN at Various Temperatures (T)
When the Preamplifier Gain is 20×
(See Figure 62)
0
–800
VGAIN (mV)
–600
–200
–400
400
600
200
800
1k
100
10
1
PREAMP GAIN = 4×
PREAMP GAIN = 20×
f = 5MHz
Figure 30. Input-Referred Noise vs. VGAIN for Preamplifier Gains of 4× and 20×
(See Figure 62)
2
3
5
6
100k
4
FREQUENCY (Hz)
1M
100M
10M
0
1
VGAIN = 0.7V
VS = ±12V
VS = ±5V
VS = ±3V
Figure 31. Short-Circuit Input-Referred Noise vs. Frequency at Maximum
Gain for Three Values of Supply Voltage (VS)
(See Figure 62)
2
3
5
6
100k
4
FREQUENCY (Hz)
1M
100M
10M
0
1
VGAIN = 0.7V
PREAMP GAIN = –3×
Figure 32. Short-Circuit Input-Referred Noise vs. Frequency
at Maximum Inverting Gain
(See Figure 73)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com