Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5034 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5034
Description  USB Charging Port Controller Integrating QC 3.0 Protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5034 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5034 Datasheet HTML 1Page - Monolithic Power Systems MP5034 Datasheet HTML 2Page - Monolithic Power Systems MP5034 Datasheet HTML 3Page - Monolithic Power Systems MP5034 Datasheet HTML 4Page - Monolithic Power Systems MP5034 Datasheet HTML 5Page - Monolithic Power Systems MP5034 Datasheet HTML 6Page - Monolithic Power Systems MP5034 Datasheet HTML 7Page - Monolithic Power Systems MP5034 Datasheet HTML 8Page - Monolithic Power Systems MP5034 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP5034
– USB CHARGING PORT CONTROLLER INTEGRATING QC 3.0 PROTOCOL
MP5034 Rev 1.0
www.MonolithicPower.com
2
10/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP5034GJ
TSOT23-8
See Below
* For Tape & Reel, add suffix
–Z (e.g.MP5034GJ-Z)
TOP MARKING
AYQ: Product code of MP5034GJ
Y: Year code
PACKAGE REFERENCE
TOP VIEW
GND
IN
IN
ADJ
NC
DM
DP
EN
TSOT23-8
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................... -0.3V to +16V
All other pins.................................. -0.3V to +6V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Continuous power dissipation (TA = +25°C)
(2)(5)
................................................................1.89W
Recommended Operating Conditions
(3)
Supply voltage (VIN) .................... 3.6V to 14V
(4)
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
TSOT23-8
θJA
θJC
EV5034-J-00A
(5) .................. 66....... 23 ... °C/W
JESD51-7
(6) ........................ 100...... 55 ... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-to-
ambient
thermal
resistance
θ
JA,
and
the
ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum
allowable power dissipation produces an excessive die
temperature, causing the regulator to go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) For lower VIN applications, refer to the Operation section.
5) Measured on EV5034-J-00A, 2-layer PCB, 58mmx32mm,
2Oz copper.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com