Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5034 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5034
Description  USB Charging Port Controller Integrating QC 3.0 Protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5034 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5034 Datasheet HTML 7Page - Monolithic Power Systems MP5034 Datasheet HTML 8Page - Monolithic Power Systems MP5034 Datasheet HTML 9Page - Monolithic Power Systems MP5034 Datasheet HTML 10Page - Monolithic Power Systems MP5034 Datasheet HTML 11Page - Monolithic Power Systems MP5034 Datasheet HTML 12Page - Monolithic Power Systems MP5034 Datasheet HTML 13Page - Monolithic Power Systems MP5034 Datasheet HTML 14Page - Monolithic Power Systems MP5034 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP5034
– USB CHARGING PORT CONTROLLER INTEGRATING QC 3.0 PROTOCOL
MP5034 Rev 1.0
www.MonolithicPower.com
11
10/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
An accurate and fast comparator monitors the
over-voltage condition of the input. If the input
voltage rises above the threshold, the input-to-
ground discharge path is active. When the input
voltage falls below 5.5V (typical), the MP5034
exits OVP mode.
The input-to-ground discharge resistance is
always active during the high-to-low voltage
mode change period. The discharge path is
turned off when FB becomes less than 108% *
VREF with 20ms of additional delay (see Figure
4).
t
V
Discharge
Enable
VIN
20ms
VFB=108%*Vref
Figure 4: Input Discharge during the High
Voltage to Low Voltage Transition
Auto Detection
The
MP5034
integrates
a
USB-dedicated
charging
port
auto-detect
function,
which
recognizes most mainstream portable devices.
The MP5034 supports the following charging
schemes:
 USB battery charging specification BC1.2/
Chinese
Telecommunications
Industry
Standard YD/T 1591-2009
 Divider mode
 1.2V/1.2V mode
 Qualcomm quick-charge mode 3.0 and 2.0
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
160°C, the entire chip shuts down. When the
temperature falls below its lower threshold
(typically 125°C), the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com