Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5034 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5034
Description  USB Charging Port Controller Integrating QC 3.0 Protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5034 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5034 Datasheet HTML 7Page - Monolithic Power Systems MP5034 Datasheet HTML 8Page - Monolithic Power Systems MP5034 Datasheet HTML 9Page - Monolithic Power Systems MP5034 Datasheet HTML 10Page - Monolithic Power Systems MP5034 Datasheet HTML 11Page - Monolithic Power Systems MP5034 Datasheet HTML 12Page - Monolithic Power Systems MP5034 Datasheet HTML 13Page - Monolithic Power Systems MP5034 Datasheet HTML 14Page - Monolithic Power Systems MP5034 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP5034
– USB CHARGING PORT CONTROLLER INTEGRATING QC 3.0 PROTOCOL
MP5034 Rev 1.0
www.MonolithicPower.com
12
10/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting Input Capacitor
Use
low
ESR
capacitors
for
the
best
performance. Ceramic capacitors with X5R or
X7R
dielectrics
are
highly
recommended
because
of
their
low
ESR
and
small
temperature coefficients. A 22μF ceramic
capacitor is recommended for most applications.
When
selecting
the
input
capacitor,
also
consider the pre-stage converter stability. The
input capacitor of the MP5034 is the output
capacitor of the converter. Ensure that the
converter
is
stable
with
additional
output
capacitors.
Selecting VADJ Resistor
ADJ has an internal, controlled, current sink. A
QC mode transition can be achieved through
ADJ. The ADJ sink current capability is 500
μA.
For the pre-side converter, it is recommended
to use a k
Ω-level feedback resistor. Limit the
current through the high-side feedback resistor
below 500
μA (see Figure 5).
There is another VADJ configuration value to limit
the maximum output voltage and insert a
resistor (R3) between FB and ADJ. With R3,
the maximum output voltage can be limited with
Equation (3):
 
 
V
V
//R
R
//R
R
R
V
V
FB
3
2
3
2
1
OUT_MAX
(3)
The required feedback resistor value of R1
must be greater than 30k
Ω.
IN
ADJ
MP5034
C1
Converter
OUT
FB
R1
R2
R3
Figure 5: VADJ Set Maximum VOUT
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation and thermal dissipation. For best
results, refer to Figure 6 and follow the
guidelines below.
1. Use short, direct, and wide traces to
connect the IC’s IN pin.
2. Keep the ADJ trace to the upstream
converter FB pin as short as possible and
routed far from the switching node to
prevent noise injection.
DP
DM
ADJ
EN
IN
IN
GND
NC
FB
DCDC
VBUS
GND
DP
DM
GND
IN
C1
GND
R3
Top Layer
Bottom Layer
Figure 6: Recommended Layout
Design Example
Table 2 is a design example following the
application
guidelines
for
the
given
specifications.
Table 3: Design Example
VIN (V)
3.6 - 12
Current (A)
3
The detailed application schematic is shown in
Figure
7
through
Figure
9.
The
typical
performance and circuit waveforms are shown
in the Typical Performance Characteristics
section. For more detailed device applications,
please refer to the related evaluation board
datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com