Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5034 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5034
Description  USB Charging Port Controller Integrating QC 3.0 Protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5034 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5034 Datasheet HTML 1Page - Monolithic Power Systems MP5034 Datasheet HTML 2Page - Monolithic Power Systems MP5034 Datasheet HTML 3Page - Monolithic Power Systems MP5034 Datasheet HTML 4Page - Monolithic Power Systems MP5034 Datasheet HTML 5Page - Monolithic Power Systems MP5034 Datasheet HTML 6Page - Monolithic Power Systems MP5034 Datasheet HTML 7Page - Monolithic Power Systems MP5034 Datasheet HTML 8Page - Monolithic Power Systems MP5034 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP5034
– USB CHARGING PORT CONTROLLER INTEGRATING QC 3.0 PROTOCOL
MP5034 Rev 1.0
www.MonolithicPower.com
3
10/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40°C to 125°C (7), typical value is tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN under-voltage lockout
rising threshold
VIN_UVLO
ADJ starts to work
2.7
3.0
3.3
V
UVLO hysteresis
VUVLOHYS
880
mV
EN rising threshold
VEN_R
1.17
1.21
1.25
V
EN hysteresis
VEN_HYS
200
mV
EN auto pull-up current
IEN_UP
7
11.5
16
μA
Shutdown current
IQ_STD
EN = 0, VIN = 5V
280
μA
Supply current
IQ
VIN = 5V, no load
250
320
μA
Voltage Control
Default VIN voltage
VIN_Def1
IOUT = 0A, TJ = 25°C
5.05
5.10
5.15
V
VIN_Def2
IOUT = 0A, TJ = -40°C to 125°C
5
5.10
5.2
V
9VIN voltage
VIN_9
8.82
9
9.18
V
12VIN voltage
VIN_12
11.76
12
12.24
V
VADJ sink current capability
VADJ = 0.8V
500
μA
Protection
VIN OVP threshold
VOV_TH
VIN rising edge, VIN = 5V
110
115
120
%
VIN rising edge, VIN = 9V
110
115
120
VIN rising edge, VIN = 12V
110
115
120
VIN OVP recovery threshold
VOV_Recovery Reset mode to 5V default
5.35
5.5
5.65
V
Shutdown temperature (8)
TSTD
160
°C
Hysteresis (8)
THYS
35
°C
BC 1.2 DCP Mode
DP/DM short resistance
RDP/DM_Short VDP = 0.8V, IDM = 1mA
50
Ω
1.2V/1.2V Mode
DP/DM output voltage
VDP/DM_1.2V
1.1
1.2
1.3
V
DP/DM output impedance
RDP/DM_1.2V
200
300
400
k
Ω
Divider Mode
DP/DM output voltage
VDP/DM
VIN = 5V
2.5
2.7
2.85
V
DP/DM output impendence
RDP/DM
18
22
28
Quick Charge 3.0 Mode
DP/DM low voltage
VQC_LOW
0.25
0.3
0.4
V
DP/DM high voltage
VQC_High
1.8
2
2.2
V
DP output impendence
RDP_QC
250
400
450
DM output impendence
RDM_QC
15
20
25
DM low glitch time (8)
TGlitch_DM
10
ms
DP high glitch time
TGlitch_DP
1000
1500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com