Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5034 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5034
Description  USB Charging Port Controller Integrating QC 3.0 Protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5034 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5034 Datasheet HTML 1Page - Monolithic Power Systems MP5034 Datasheet HTML 2Page - Monolithic Power Systems MP5034 Datasheet HTML 3Page - Monolithic Power Systems MP5034 Datasheet HTML 4Page - Monolithic Power Systems MP5034 Datasheet HTML 5Page - Monolithic Power Systems MP5034 Datasheet HTML 6Page - Monolithic Power Systems MP5034 Datasheet HTML 7Page - Monolithic Power Systems MP5034 Datasheet HTML 8Page - Monolithic Power Systems MP5034 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP5034
USB Charging Port Controller
Integrating QC 3.0 Protocol
MP5034 Rev 1.0
www.MonolithicPower.com
1
10/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The
MP5034
supports
DCP
schemes for
battery charging specification (BC1.2), divider
mode,
1.2V/1.2V
mode,
and
quick-charge
specification (QC 3.0) without the need for
outside user interaction.
Full protection features include input over-
voltage
protection
(OVP)
and
thermal
shutdown.
The MP5034 requires a minimal number of
readily
available,
standard,
external
components to complete the USB switch and
charging mode auto-detection solution. The
MP5034 is available in an 8-pin TSOT23
package.
FEATURES
 Wide 3.6V to 14V Operating Input Voltage
Range
 Supports QC 3.0 (3.6V - 12Vbus with 1%
Accuracy) and DCP Schemes for BC1.2,
Divider Mode, and 1.2V/1.2V Mode
 Input Discharge during High Voltage to Low
Voltage Change
 Compatible with Buck, Boost, and AC/DC
Converters
 Available in a TSOT23-8 Package
APPLICATIONS
 USB Charger Controller
 AC/DC Wall Adapter with USB Ports
 Power Bank Controller
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
ADJ
GND
MP5034
DP
DM
3.6V-12V
Type-A
C2
22μF
EN
IN
EN/SYNC
VCC
ISENSE
AGND
PGND
BST
SW
FB
VIN
12V-36V
C3
0.1μF
C4
0.1μF
L1
15μH
R1
82.5kΩ
R2
24.3kΩ
MP2499M
R3
33kΩ
C1
66μF
QC3.0
Note: Set MP2499M original output to 3.5V by R1 and R2.


Similar Part No. - MP5034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP503 ETC2-MP503 Datasheet
276Kb / 1P
TMP FEMALE BULKHEAD TO SEMI-RIGID CABLE
logo
Shanghai Shunye Electro...
MP503 SHUNYE-MP503 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
logo
Monolithic Power System...
MP5030C MPS-MP5030C Datasheet
900Kb / 17P
USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
MP5030CGQH MPS-MP5030CGQH Datasheet
900Kb / 17P
USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
More results

Similar Description - MP5034

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA19051BT NXP-TEA19051BT Datasheet
352Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 1-13 February 2018
TEA19051BTK NXP-TEA19051BTK Datasheet
413Kb / 54P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
logo
Injoinic Technology Co....
IP2112 INJOINIC-IP2112 Datasheet
1Mb / 12P
Single/dual USB port charging protocol IC
logo
Fitipower Integrated Te...
FP6600Q FITIPOWER-FP6600Q Datasheet
401Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
FP6601Q FITIPOWER-FP6601Q Datasheet
491Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
Shenzhen Huazhimei Semi...
HM261XX HMSEMI-HM261XX Datasheet
1Mb / 8P
Single/dual USB port charging protocol IC
logo
SHOUDING Shouding Semic...
SFT430C SHOUDING-SFT430C Datasheet
1Mb / 6P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
Shenzhen Huazhimei Semi...
HM6601Q HMSEMI-HM6601Q Datasheet
301Kb / 9P
USB Charging Port Controller for Fast Charging Protocol
HM7901 HMSEMI-HM7901 Datasheet
859Kb / 8P
USB charging protocol port controller
logo
NXP Semiconductors
TEA19051BTK NXP-TEA19051BTK_V01 Datasheet
431Kb / 60P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 3-21 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com