Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5034 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5034
Description  USB Charging Port Controller Integrating QC 3.0 Protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5034 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5034 Datasheet HTML 2Page - Monolithic Power Systems MP5034 Datasheet HTML 3Page - Monolithic Power Systems MP5034 Datasheet HTML 4Page - Monolithic Power Systems MP5034 Datasheet HTML 5Page - Monolithic Power Systems MP5034 Datasheet HTML 6Page - Monolithic Power Systems MP5034 Datasheet HTML 7Page - Monolithic Power Systems MP5034 Datasheet HTML 8Page - Monolithic Power Systems MP5034 Datasheet HTML 9Page - Monolithic Power Systems MP5034 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP5034
– USB CHARGING PORT CONTROLLER INTEGRATING QC 3.0 PROTOCOL
MP5034 Rev 1.0
www.MonolithicPower.com
6
10/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN_MP5034 = 5V, TA = 25°C, unless otherwise noted.
MODE Transition from 5V to 9V
IOUT = 0A, from QC 2.0_5V to 9V
MODE Transition from 5V to 9V
Zoom in 5V to 9V slew rate
CH1: VIN
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
CH1: VIN
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
10ms/div.
500µs/div.
MODE Transition from 9V to 12V
IOUT = 0A, from QC 2.0_9V to 12V
MODE Transition from 9V to 12V
Zoom in 9V to 12V slew rate
CH1: VIN
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
CH1: VIN
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
10ms/div.
500µs/div.
MODE Transition from 12V to 9V
IOUT = 0A, from QC 2.0_12V to 9V
MODE Transition from 9V to 5V
IOUT = 0A, from QC 2.0_9V to 5V
CH1: VIN
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
CH1: VIN
5V/div.
CH2: D+
2V/div.
CH3: D-
2V/div.
CH4: IOUT
500mA/div.
10ms/div.
10ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com