Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5034 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5034
Description  USB Charging Port Controller Integrating QC 3.0 Protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5034 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5034 Datasheet HTML 6Page - Monolithic Power Systems MP5034 Datasheet HTML 7Page - Monolithic Power Systems MP5034 Datasheet HTML 8Page - Monolithic Power Systems MP5034 Datasheet HTML 9Page - Monolithic Power Systems MP5034 Datasheet HTML 10Page - Monolithic Power Systems MP5034 Datasheet HTML 11Page - Monolithic Power Systems MP5034 Datasheet HTML 12Page - Monolithic Power Systems MP5034 Datasheet HTML 13Page - Monolithic Power Systems MP5034 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP5034
– USB CHARGING PORT CONTROLLER INTEGRATING QC 3.0 PROTOCOL
MP5034 Rev 1.0
www.MonolithicPower.com
10
10/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP5034 supports the latest quick-charge
specification (QC 3.0) and is back-compatible
with QC 2.0, DCP schemes for battery charging
specification
(BC1.2),
divider
mode,
and
1.2V/1.2V mode without the need for outside
user interaction.
Fault condition protection includes input over-
voltage
protection
(OVP)
and
thermal
shutdown.
Operation Supply Voltage
The MP5034
’s input voltage threshold is around
3V. When VIN is higher than the threshold,
MP5034's ADJ block begins working, which
sinks
a
current
to
adjust
the
upstream
regulator's output to an accurate 5.1V.
QC Mode Voltage Transition - Class A
If the downstream device of the MP5034
supports QC specification, the device can
require a higher USB bus voltage than 5V by
DM and DP communication. If a higher bus
voltage is required, ADJ must be used. ADJ is
connected to the feedback pin (FB) of an
upstream voltage converter, typically. After the
handshake, the MP5034 sinks a controlled
current gradually via ADJ to adjust the VBUS
value to 9V, 12V, or another voltage (200mV
step-by-step).
Because
of
smart
controller
mode, only one ADJ pin can set a different high
voltage, which meets the QC specification. The
bus voltage transition is smooth and has no
undershoot/overshoot (see Figure 2 and Table
1).
Tglitch_V_Change
Tglitch_V_Change
TV_New_Request
5V
9V
12V
DP=0.6V
DM=GND
DP=0.6V
DM=0.6V
DP=3.3V
DM=0.6V
Figure 2: QC Mode Transition
Table 1: QC Mode Definition
Portable Device
USB Bus Voltage
DP
DM
0.6V
0.6V
12V
3.3V
0.6V
9V
0.6V
3.3V
3.6V - 12V, 200mV step
according to QC3.0
3.3V
3.3V
No action
0.6V
GND
5V
When the downstream device is removed, the
bus
voltage
returns
to
the
default
5V
automatically. The input-to-ground discharge
resistor helps quicken this procedure.
Input Voltage Adjust
In no-load condition, if the input voltage is lower
than 5.1V (typical), ADJ sinks a current to
regulate the upstream regulator's output voltage
to 5.1V. If the input voltage is higher than 5.1V,
the MP5034 stops regulating the input voltage.
Figure 3 shows the typical ADJ usage. The ADJ
sink current capability is 500µA. The feedback
current through R1 must be less than 500µA.
Calculate R1 with Equation (1):
 
0.5
(V)
V
(V)
V
k
R1
FB
OUT
(1)
Where VOUT is the maximum output voltage that
can be adjusted to.
IN
ADJ
MP5034
C1
Converter
OUT
FB
R1
R2
Figure 3: ADJ Configure
Input Over-Voltage Protection (OVP) and
Discharge
To protect the downstream device over-voltage,
the MP5034 provides an input OVP discharge
function. Because the MP5034 supports the QC
3.0 protocol, it has a dynamic OVP threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com