Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5034 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5034
Description  USB Charging Port Controller Integrating QC 3.0 Protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5034 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5034 Datasheet HTML 7Page - Monolithic Power Systems MP5034 Datasheet HTML 8Page - Monolithic Power Systems MP5034 Datasheet HTML 9Page - Monolithic Power Systems MP5034 Datasheet HTML 10Page - Monolithic Power Systems MP5034 Datasheet HTML 11Page - Monolithic Power Systems MP5034 Datasheet HTML 12Page - Monolithic Power Systems MP5034 Datasheet HTML 13Page - Monolithic Power Systems MP5034 Datasheet HTML 14Page - Monolithic Power Systems MP5034 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP5034
– USB CHARGING PORT CONTROLLER INTEGRATING QC 3.0 PROTOCOL
MP5034 Rev 1.0
www.MonolithicPower.com
13
10/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
IN
IN
ADJ
NC GND
MP5034
DP
DM
3.6V-12V
Type-A
C2
22μF
EN
IN
EN/SYNC
VCC
ISENSE
AGND
PGND
BST
SW
FB
VIN
12V-36V
C3
0.1μF
C4
0.1μF L1
15μH
R1
82.5kΩ
R2
24.3kΩ
MP2499M
R3
6.49kΩ
C1
66μF
QC3.0
R4
33kΩ
1
2
3
4
5
6
7
8
1,2
4
5
6
7
8
9
10
11,12,13
Figure 7: MP5034 + MP2499M for CLA Car Charger
VIN
22µF
C3A
22nF
C8
0.1µF
C5
4.7µF
C4
49.9kΩ
R1
14.3kΩ
R2
3kΩ
R9
8.2nF
C6
44µF
C1
30kΩ
R8
22µF
C3B
22µF
C3C
0.1µF
C1A
3-4.2V
MP3431
VDD
2
SS
3
COMP
4
FB
5
OUT
8
ILIM
9
MODE
10
EN
11
VIN
12
1.5µH
L1
J1
20kΩ
R7
130kΩ
R6
10nF
C7
34kΩ
R5
1kΩ
R4
5.49kΩ
1-2: FCCM
2-3: PSM
Float 2: USM
IN
ADJ
NC
GND
DP
DM
4.5V-12V
QC3.0
MP5034
Type-A
EN
1
2
3
4
5
6
7
8
R3
IN
Figure 8: MP5034 + MP3431 for Power Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com