Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 33 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 33 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 29Page - Motorola, Inc SCF5250 Datasheet HTML 30Page - Motorola, Inc SCF5250 Datasheet HTML 31Page - Motorola, Inc SCF5250 Datasheet HTML 32Page - Motorola, Inc SCF5250 Datasheet HTML 33Page - Motorola, Inc SCF5250 Datasheet HTML 34Page - Motorola, Inc SCF5250 Datasheet HTML 35Page - Motorola, Inc SCF5250 Datasheet HTML 36Page - Motorola, Inc SCF5250 Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Electrical Characteristics
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
33
Figure 8. I2C Timing Definition
Table 27. I2C Output Bus Timings
Num
Characteristic
96 MHz
Units
Min
Max
M103
SCL, SDA Valid to BCLK (input setup)
2
—
nSec
M11
BCLK to SCL, SDA Invalid (input hold)
4.5
—
nSec
M121
BCLK to SCL, SDA Low (output valid)
—
10
nSec
M132
BCLK to SCL, SDA Invalid (output hold)
3
—
nSec
1.
Since SCL and SDA are open-collector-type outputs, which the processor can only actively drive low, this
specification applies only when SCL or SDA are driven low by the processor. The time required for SCL or
SDA to reach a high level depends on external signal capacitance and pull-up resistor values.
2.
Since SCL and SDA are open-collector-type outputs, which the processor can only actively drive low, this
specification applies only when SCL or SDA are actively being driven or held low by the processor.
3.
SCL and SDA are internally synchronized.This setup time must be met only if recognition on a particular
clock is required.
M2
M6
M1
M4
M7
M8
M9
M5
M3
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com