Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 25 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 25 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 21Page - Motorola, Inc SCF5250 Datasheet HTML 22Page - Motorola, Inc SCF5250 Datasheet HTML 23Page - Motorola, Inc SCF5250 Datasheet HTML 24Page - Motorola, Inc SCF5250 Datasheet HTML 25Page - Motorola, Inc SCF5250 Datasheet HTML 26Page - Motorola, Inc SCF5250 Datasheet HTML 27Page - Motorola, Inc SCF5250 Datasheet HTML 28Page - Motorola, Inc SCF5250 Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Electrical Characteristics
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
25
Figure 2. Clock Timing Definition
NOTE
Signals above are shown in relation to the clock. No relationship between
signals is implied or intended.
Table 19. Clock Timing Specification
NUM
Characteristic
Units
Min
Max
CRIN Frequency1
5.00
33.86
MHz
C5
PSTCLK cycle time
7.1
—
nSec
C6
PSTCLK duty cycle
40
60
%
C7
BCLK cycle time
14.2
—
nSec
C8
BCLK duty cycle
45
55
%
Note:
There are only three choices for the valid Audio frequencies 11.29 MHz, 16.93 MHz, or
33.86 MHz; no other values are allowed. The System Clock is derived from one of these
crystals via an internal PLL.
CRIN
PSTCLK
BCLK
C6
C6
C7
C8
C8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com