Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 22 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 18Page - Motorola, Inc SCF5250 Datasheet HTML 19Page - Motorola, Inc SCF5250 Datasheet HTML 20Page - Motorola, Inc SCF5250 Datasheet HTML 21Page - Motorola, Inc SCF5250 Datasheet HTML 22Page - Motorola, Inc SCF5250 Datasheet HTML 23Page - Motorola, Inc SCF5250 Datasheet HTML 24Page - Motorola, Inc SCF5250 Datasheet HTML 25Page - Motorola, Inc SCF5250 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Electrical Characteristics
Freescale Semiconductor
22
Supply I/O Voltage
Vcc
-0.5 to +4.6
V
Maximum I/O Operating Voltage
Vcc
+3.6
V
Minimum I/O Operating Voltage
Vcc
+3.0
V
Input Voltage
Vin
-0.5 to +6.0
V
Storage Temperature Range
Tstg
-65 to150
oC
Table 15. Operating Temperature
Characteristic
Symbol
Value
Units
Maximum Operating Ambient Temperature
TAmax
851
οC
Minimum Operating Ambient Temperature
TAmin
-40
oC
Note:
This published maximum operating ambient temperature should be used only as a system design guideline. All device
operating parameters are guaranteed only when the junction temperature does not exceed 105°C.
Table 16. Recommended Operating Supply Voltages
Pin Name
Min
Typ
Max
CORE-VDD
1.08V
1.2V
1.32V
CORE-VSS
gnd
---
PAD-VDD
3.0V
3.3v
3.6V
PAD-VSS
gnd
ADVDD
3.0V
3.3v
3.6V
ADGND
gnd
OSCPAD-VDD
3.0V
3.3v
3.6V
OSCPAD-GND
gnd
PLLCORE1VDD
1.08V
1.2V
1.32V
PLLCORE1GND
gnd
PLLCORE2VDD
1.08V
1.2v
1.32V
PLLCORE2GND
gnd
LIN
3.0v
3.3V
3.6V
Table 14. Maximum Ratings (continued)
Rating
Symbol
Value
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com