Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 18 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 14Page - Motorola, Inc SCF5250 Datasheet HTML 15Page - Motorola, Inc SCF5250 Datasheet HTML 16Page - Motorola, Inc SCF5250 Datasheet HTML 17Page - Motorola, Inc SCF5250 Datasheet HTML 18Page - Motorola, Inc SCF5250 Datasheet HTML 19Page - Motorola, Inc SCF5250 Datasheet HTML 20Page - Motorola, Inc SCF5250 Datasheet HTML 21Page - Motorola, Inc SCF5250 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Signal Descriptions
Freescale Semiconductor
18
consumption is important the current taken by the divider network (in
stand-by mode) could be excessive. Therefore it is possible to generate a
VDD/2 voltage by selecting SCLK4 output mode and feeding this clock
signal (which is 50% duty cycle) through an external integration circuit.
This would generate a voltage level equal to VDD/2 but would be disabled
when stand-by mode was selected.
4.15 Secure Digital/ MemoryStick Card Interface
The device has a versatile flash card interface that supports both SecureDigital and MemoryStick cards.
The interface can either support one SecureDigital or two MemoryStick cards. No mixing of card types is
possible. Table 11 gives the pin descriptions.
4.16 Queued Serial Peripheral Interface (QSPI)
The QSPI interface is a high-speed serial interface allowing transmit and receive of serial data. Pin
descriptions are given in Table 12.
Table 11. Flash Memory Card Signals
Flash Memory Signal
Description
EBUIN2/SCLKOUT/GPIO13
Clock out for both MemoryStick interfaces and for SecureDigital
EBUIN3/CMD_SDIO2/GPIO14
Secure Digital command line
MemoryStick interface 2 data i/o
DDATAO/CTS1/SDATA0_SDIO1/GPIO1
SecureDigital serial data bit 0
MemoryStick interface 1 data i/o
SCL0/SDATA1_BS1/GPIO41
SecureDigital serial data bit 1
MemoryStick interface 1 strobe
DDATA1/RTS1/SDATA2_BS2/GPIO2
SecureDigital serial data bit 2
MemoryStick interface 2 strobe
Reset output signal
Selection between Reset function and SDATA2_BS2 is done by
programming PLLCR register.
SDA0/SDATA3/GPIO42
SecureDigital serial data bit 3
Table 12. Queued Serial Peripheral Interface (QSPI) Signals
Serial Module Signal
Description
QSPICLK/SUBR/GPIO25
Multiplexed signal IIC interface clock or QSPI clock output
Function select is done via PLLCR register.
RCK/QSPIDIN/QSPI_DOUT/GPIO26
Multiplexed signal IIC interface data or QSPI data input.
Function select is done via PLLCR register.
RCK/QSPI_DIN/QSPI_DOUT/GPIO26
QSPI_DOUT/SFSY/GPIO27
QSPI data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com