Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 21 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 17Page - Motorola, Inc SCF5250 Datasheet HTML 18Page - Motorola, Inc SCF5250 Datasheet HTML 19Page - Motorola, Inc SCF5250 Datasheet HTML 20Page - Motorola, Inc SCF5250 Datasheet HTML 21Page - Motorola, Inc SCF5250 Datasheet HTML 22Page - Motorola, Inc SCF5250 Datasheet HTML 23Page - Motorola, Inc SCF5250 Datasheet HTML 24Page - Motorola, Inc SCF5250 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Electrical Characteristics
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
21
4.20 BDM/JTAG Signals
The SCF5250 complies with the IEEE 1149.1A JTAG testing standard. The JTAG test pins are multiplexed
with background debug pins.
4.21 Clock and Reset signals
These signals configure the SCF5250 and provide interface signals to the external system.
4.21.1 Reset In
Asserting RSTI causes the SCF5250SCF5250 to enter reset exception processing. When RSTI is
recognized, the data bus is tri-stated.
4.21.2 Clock Input
SCF5250 includes on -chip crystal oscillator. The crystal should be connected between CRIN and CROUT.
An externally generated clock signal can also be used and should be connected directly to the CRIN pin.
4.22 Wake-Up Signal
To exit power down mode, apply a LOW level to the WAKE_UP/GPIO21 input pin.
4.23 On-chip Linear Regulator
The SCF5250 includes an on-chip linear regulator. This regulator provides an 1.2 V output which is
intended to be used to power the SCF5250 core. Three pins are associated with this function.
LININ, LINOUT and LINGND. Typically LININ would be fed by the I/O (PAD) supply (3.3 V) with
separate filtering recommended to provide some isolation between the I/O and the core.
In portable solutions this linear regulator may not be efficient enough and in this case we would expect the
1.2 V supply to be generated externally, possibly by a highly efficient DC-DC convertor.
If not used leave pins not connected.
5
Electrical Characteristics
Table 14. Maximum Ratings
Rating
Symbol
Value
Units
Supply Core Voltage
Vcc
-0.5 to +2.5
V
Maximum Core Operating Voltage
Vcc
+1.32
V
Minimum Core Operating Voltage
Vcc
+1.08
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com