Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 23 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 23 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 19Page - Motorola, Inc SCF5250 Datasheet HTML 20Page - Motorola, Inc SCF5250 Datasheet HTML 21Page - Motorola, Inc SCF5250 Datasheet HTML 22Page - Motorola, Inc SCF5250 Datasheet HTML 23Page - Motorola, Inc SCF5250 Datasheet HTML 24Page - Motorola, Inc SCF5250 Datasheet HTML 25Page - Motorola, Inc SCF5250 Datasheet HTML 26Page - Motorola, Inc SCF5250 Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Electrical Characteristics
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
23
Table 17. Linear Regulator Operating Specification
Characteristic
Symbol
Min
Typ
Max
Input Voltage
Vin
3.0V
3.3V
3.6
Output Voltage (LINOUT)
Vout
1.14V
1.2V
1.26V
Output Current
Iout
100mA
150mA
Power Dissipation
Pd
436uW
Load Regulation
10% Iout -> 90% Iout
40mV
50mV
60mV
Power Supply Rejection
PSRR
40dB
Note:
A pmos regulator is employed as a current source in this Linear regulator, so
a 10µF capacitor (ESR 0 ... 5 Ohm) is needed on the output pin (LINOUT) to
integrate the current. Typically this will require the use of a Tantalum type
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com