Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 1 Page - Motorola, Inc

  SCF5250 Datasheet HTML 1Page - Motorola, Inc SCF5250 Datasheet HTML 2Page - Motorola, Inc SCF5250 Datasheet HTML 3Page - Motorola, Inc SCF5250 Datasheet HTML 4Page - Motorola, Inc SCF5250 Datasheet HTML 5Page - Motorola, Inc SCF5250 Datasheet HTML 6Page - Motorola, Inc SCF5250 Datasheet HTML 7Page - Motorola, Inc SCF5250 Datasheet HTML 8Page - Motorola, Inc SCF5250 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
© Freescale Semiconductor, Inc., 2004. All rights reserved.
Freescale Semiconductor
Data Sheet
Document Number: SCF5250EC
Rev. 1.1, 04/2005
Table of Contents
1
Introduction
This document provides an overview of the SCF5250
ColdFire® processor and general descriptions of
SCF5250 features and its various modules.
The SCF5250 was designed as a system
controller/decoder for compressed audio music players,
especially portable and automotive CD and hard disk
drive players. The 32-bit ColdFire core with Enhanced
Multiply Accumulate (EMAC) unit provides optimum
performance and code density for the combination of
control code and signal processing required for audio
decoding and post processing, file management, and
system control.
Low power features include a hardwired CD ROM
decoder, advanced 0.13um CMOS process technology,
1.2V core power supply, and on-chip 128KByte SRAM
that enables Windows Media Audio (WMA) decoding
without the need for external DRAM in CD applications.
The SCF5250 is also an excellent general purpose
system controller with over 110 Dhrystone 2.1 MIPS @
120MHz performance at a very competitive price. The
integrated peripherals and enhanced MAC unit allow the
1
Introduction.......................................................... 1
2
SCF5250 Block Diagram ..................................... 8
3
Documentation ....................................................8
4
Signal Descriptions.............................................. 9
5
Electrical Characteristics ................................... 21
6
Pin-Out and Package Information ..................... 38
SCF5250 Integrated ColdFire®
Microprocessor Data Sheet


Similar Part No. - SCF5250

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SCF5250 FREESCALE-SCF5250 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
SCF5250AG120 FREESCALE-SCF5250AG120 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
SCF5250AG120 NXP-SCF5250AG120 Datasheet
1Mb / 56P
This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Freescale Semiconductor...
SCF5250CAG120 FREESCALE-SCF5250CAG120 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
SCF5250CAG120 NXP-SCF5250CAG120 Datasheet
1Mb / 56P
This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
More results

Similar Description - SCF5250

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
SCF5249 FREESCALE-SCF5249 Datasheet
924Kb / 56P
Integrated ColdFire Microprocessor
MCF52277 FREESCALE-MCF52277_09 Datasheet
1Mb / 46P
ColdFire Microprocessor
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
MCF5206e Integrated ColdFire Microprocessor Product Brief
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
MCF532x ColdFire Microprocessor Data Sheet
MCF5206ECAB40 FREESCALE-MCF5206ECAB40 Datasheet
271Kb / 2P
Motorolas ColdFire MCF5206e Integrated Microprocessor
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
MCF547x ColdFire Microprocessor
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
MCF5441x ColdFire Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com