Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 19 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 19 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 15Page - Motorola, Inc SCF5250 Datasheet HTML 16Page - Motorola, Inc SCF5250 Datasheet HTML 17Page - Motorola, Inc SCF5250 Datasheet HTML 18Page - Motorola, Inc SCF5250 Datasheet HTML 19Page - Motorola, Inc SCF5250 Datasheet HTML 20Page - Motorola, Inc SCF5250 Datasheet HTML 21Page - Motorola, Inc SCF5250 Datasheet HTML 22Page - Motorola, Inc SCF5250 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Signal Descriptions
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
19
4.17 Crystal Trim
The XTRIM/GPIO0 output produces a pulse-density modulated phase/frequency difference signal to be
used after low-pass filtering to control varicap-voltage to control crystal oscillation frequency. This will
lock the crystal to the incoming digital audio signal.
4.18 Clock Out
The MCLK1/GPIO11 and QSPI_CS2/MCLK2/GPIO24 can serve as DAC clock outputs. When
programmed as DAC clock outputs, these signals are directly derived from the crystal oscillator or clock
Input (CRIN).
4.19 Debug and Test Signals
These signals interface with external I/O to provide processor debug and status signals.
4.19.1 Test Mode
The TEST[2:0] inputs are used for various manufacturing and debug tests. For normal mode TEST [2:1]
should be ways be tied low. TEST0 should be set high for BDM debug mode and set low for JTAG mode.
4.19.2 High Impedance
The assertion of HI_Z will force all output drivers to a high-impedance state. The timing on HI_Z is
independent of the clock.
NOTE
JTAG operation will override the HI_Z pin.
4.19.3 Processor Clock Output
The internal PLL generates this PSTCLK/GPIO51 and output signal, and is the processor clock output that
is used as the timing reference for the Debug bus timing (DDATA[3:0] and PST[3:0]). The
PSTCLK/GPIO51 is at the same frequency as the core processor.
QSPICS0/EBUIN4GPIO15
4 different QSPI chip selects
QSPICS1/EBUOUT2/GPIO16
QSPICS2/MCLK2/GPIO24
CS1/QSPICS3/GPIO28
Table 12. Queued Serial Peripheral Interface (QSPI) Signals (continued)
Serial Module Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com