Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81xM Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 30Page - NXP Semiconductors LPC81xM Datasheet HTML 31Page - NXP Semiconductors LPC81xM Datasheet HTML 32Page - NXP Semiconductors LPC81xM Datasheet HTML 33Page - NXP Semiconductors LPC81xM Datasheet HTML 34Page - NXP Semiconductors LPC81xM Datasheet HTML 35Page - NXP Semiconductors LPC81xM Datasheet HTML 36Page - NXP Semiconductors LPC81xM Datasheet HTML 37Page - NXP Semiconductors LPC81xM Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
34 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
Standard port pins configured as digital pins, RESET; see Figure 13
IIL
LOW-level input current VI = 0 V; on-chip pull-up resistor
disabled
-
0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip pull-down
resistor disabled
-
0.5
10
nA
IOZ
OFF-state output
current
VO =0 V; VO =VDD; on-chip
pull-up/down resistors disabled
-
0.5
10
nA
VI
input voltage
VDD  1.8 V; 5 V tolerant pins
except PIO0_6
[11]
[12]
0-
5.0
V
VDD  1.8 V; on 3 V tolerant pin
PIO0_6
0-
3.6
VDD = 0 V
0
-
3.6
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-level output
voltage
2.5 V
 V
DD  3.6 V; IOH =4 mA
VDD  0.4 -
-
V
1.8 V
 V
DD < 2.5 V; IOH =3 mA
VDD  0.4 -
-
V
VOL
LOW-level output
voltage
2.5 V
 V
DD  3.6 V; IOL =4 mA
-
-
0.4
V
1.8 V
 V
DD < 2.5 V; IOL =3 mA
-
-
0.4
V
IOH
HIGH-level output
current
VOH =VDD  0.4 V;
2.5 V
 V
DD  3.6 V
4-
-
mA
1.8 V
 V
DD < 2.5 V
3
-
-
mA
IOL
LOW-level output
current
VOL =0.4 V
2.5 V
 V
DD  3.6 V
4-
-
mA
1.8 V
 V
DD < 2.5 V
3
-
-
mA
IOHS
HIGH-level short-circuit
output current
VOH =0V
[13] --
45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[13] --
50
mA
Ipd
pull-down current
VI = 5 V
10
50
150
A
Ipu
pull-up current
VI =0V;
2.0 V
 V
DD  3.6 V
15
50
85
A
1.8 V
 V
DD < 2.0 V
10
50
85
A
VDD <VI <5V
0
0
0
A
High-drive output pins configured as digital pins (PIO0_2, PIO0_3, PIO0_7, PIO0_12, PIO0_13); see Figure 13
IIL
LOW-level input current VI = 0 V; on-chip pull-up resistor
disabled
-
0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip pull-down
resistor disabled
-
0.5
10
nA
IOZ
OFF-state output
current
VO =0 V; VO =VDD; on-chip
pull-up/down resistors disabled
-
0.5
10
nA
Table 9.
Static characteristics …continued
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com