Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81xM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 4Page - NXP Semiconductors LPC81xM Datasheet HTML 5Page - NXP Semiconductors LPC81xM Datasheet HTML 6Page - NXP Semiconductors LPC81xM Datasheet HTML 7Page - NXP Semiconductors LPC81xM Datasheet HTML 8Page - NXP Semiconductors LPC81xM Datasheet HTML 9Page - NXP Semiconductors LPC81xM Datasheet HTML 10Page - NXP Semiconductors LPC81xM Datasheet HTML 11Page - NXP Semiconductors LPC81xM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
8 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
7.2 Pin description
The pin description consists of two parts showing pin functions that are fixed to a certain
package pin (see Table 4) and showing pin functions that can be assigned to any pin on
the package through the switch matrix (see Table 5).
The pin description table in Table 4 shows the pin functions that are fixed to specific pins
on each package. These fixed-pin functions are selectable between GPIO and the
comparator inputs, SWD, RESET, and the XTAL pins. By default, the GPIO function is
selected except on pins PIO0_2, PIO0_3, and PIO0_5. JTAG functions are available in
boundary scan mode only.
Table 5 shows the the I2C, USART, SPI, and SCT pin functions, which can be assigned
through the switch matrix to any pin that is not power or ground in place of the pin’s fixed
functions.
The following exceptions apply:
For full I2C-bus compatibility, assign the I2C functions to the open-drain pins PIO0_11 and
PIO0_10.
Do not assign more than one output to any pin. However, more than one input can be
assigned to a pin. Once any function is assigned to a pin, the pin’s GPIO functionality is
disabled.
Pin PIO0_4 triggers a wake-up from Deep power-down mode. If you need to wake up
from Deep power-down mode via an external pin, do not assign any movable function to
this pin.
The JTAG functions TDO, TDI, TCK, TMS, and TRST are selected on pins PIO0_0 to
PIO0_4 by hardware when the part is in boundary scan mode.
Table 4.
Pin description table (fixed pins)
Symbol
Type Reset
state
[1]
Description
PIO0_0/ACMP_I1/
TDO
19
16
16
8
[5] I/O
I; PU
PIO0_0 — General purpose digital input/output port 0 pin 0.
In ISP mode, this is the USART0 receive pin U0_RXD.
In boundary scan mode: TDO (Test Data Out).
AI
-
ACMP_I1 — Analog comparator input 1.
PIO0_1/ACMP_I2/
CLKIN/TDI
12
9
9
5
[5] I/O
I; PU
PIO0_1 — General purpose digital input/output pin.
In boundary scan mode: TDI (Test Data In).
ISP entry pin on chip versions 1A and 2A and on the DIP8
package (see Table 6). For these chip versions and
packages, a LOW level on this pin during reset starts the
ISP command handler.
See PIO0_12 for all other packages.
AI
-
ACMP_I2 — Analog comparator input 2.
I-
CLKIN — External clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com