Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81xM Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 42Page - NXP Semiconductors LPC81xM Datasheet HTML 43Page - NXP Semiconductors LPC81xM Datasheet HTML 44Page - NXP Semiconductors LPC81xM Datasheet HTML 45Page - NXP Semiconductors LPC81xM Datasheet HTML 46Page - NXP Semiconductors LPC81xM Datasheet HTML 47Page - NXP Semiconductors LPC81xM Datasheet HTML 48Page - NXP Semiconductors LPC81xM Datasheet HTML 49Page - NXP Semiconductors LPC81xM Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
46 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
12. Dynamic characteristics
12.1 Power-up ramp conditions
[1]
See Figure 28.
[2]
The wait time specifies the time the power supply must be at levels below 200 mV before ramping up. See
the LPC81x errata sheet.
[3]
Based on characterization, not tested in production.
12.2 Flash memory
Table 11.
Power-up characteristics
Tamb = 40 C to +105 C; 1.8 V VDD 3.6 V
Symbol Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
at t = t1: 0 < VI 200 mV
[1][3] 0-
500
ms
twait
wait time
[1][2][3] 12
-
-
s
VI
input voltage
at t = t1 on pin VDD
[3] 0
-
200
mV
Condition: 0 < VI 200 mV at start of power-up (t = t1)
Fig 28. Power-up ramp
VDD
0
200 mV
tr
twait
t = t1
aaa-017426
Table 12.
Flash characteristics
Tamb = 40 C to +105 C. Based on JEDEC NVM qualification. Failure rate < 10 ppm for parts as
specified below.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
[1] 10000
100000
-
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com