Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81xM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC81xM Datasheet HTML 1Page - NXP Semiconductors LPC81xM Datasheet HTML 2Page - NXP Semiconductors LPC81xM Datasheet HTML 3Page - NXP Semiconductors LPC81xM Datasheet HTML 4Page - NXP Semiconductors LPC81xM Datasheet HTML 5Page - NXP Semiconductors LPC81xM Datasheet HTML 6Page - NXP Semiconductors LPC81xM Datasheet HTML 7Page - NXP Semiconductors LPC81xM Datasheet HTML 8Page - NXP Semiconductors LPC81xM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
1.
General description
The LPC81xM are an ARM Cortex-M0+ based, low-cost 32-bit MCU family operating at
CPU frequencies of up to 30 MHz. The LPC81xM support up to 16 kB of flash memory
and 4 kB of SRAM.
The peripheral complement of the LPC81xM includes a CRC engine, one I2C-bus
interface, up to three USARTs, up to two SPI interfaces, one multi-rate timer, self wake-up
timer, and state-configurable timer, one comparator, function-configurable I/O ports
through a switch matrix, an input pattern match engine, and up to 18 general-purpose I/O
pins.
2.
Features and benefits
System:
ARM Cortex-M0+ processor, running at frequencies of up to 30 MHz with
single-cycle multiplier and fast single-cycle I/O port.
ARM Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
System tick timer.
Serial Wire Debug (SWD) and JTAG boundary scan modes supported.
Micro Trace Buffer (MTB) supported.
Memory:
Up to 16 kB on-chip flash programming memory with 64 Byte page write and erase.
Up to 4 kB SRAM.
ROM API support:
Boot loader.
USART drivers.
I2C drivers.
Power profiles.
Flash In-Application Programming (IAP) and In-System Programming (ISP).
Digital peripherals:
High-speed GPIO interface connected to the ARM Cortex-M0+ IO bus with up to 18
General-Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors,
programmable open-drain mode, input inverter, and glitch filter.
High-current source output driver (20 mA) on four pins.
High-current sink driver (20 mA) on two true open-drain pins.
GPIO interrupt generation capability with boolean pattern-matching feature on eight
GPIO inputs.
Switch matrix for flexible configuration of each I/O pin function.
LPC81xM
32-bit ARM® Cortex®-M0+ microcontroller; up to 16 kB flash
and 4 kB SRAM
Rev. 4.6 — 4 April 2018
Product data sheet


Similar Part No. - LPC81xM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM Datasheet
568Kb / 67P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 1.0-7 November 2012
LPC81XM NXP-LPC81XM_13 Datasheet
533Kb / 71P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 3-29 July 2013
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
More results

Similar Description - LPC81xM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC83X NXP-LPC83X Datasheet
1Mb / 78P
32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 1.2-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M0519 NUVOTON-M0519 Datasheet
1Mb / 69P
ARM짰 Cortex짰-M0 32-bit Microcontroller
MINI55 NUVOTON-MINI55 Datasheet
1Mb / 74P
ARM짰 Cortex짰-M0 32-bit Microcontroller
MINI58DE NUVOTON-MINI58DE Datasheet
1Mb / 84P
ARM짰 Cortex짰-M0 32-bit Microcontroller
NUC029 NUVOTON-NUC029 Datasheet
1Mb / 102P
ARM짰 Cortex짰-M0 32-bit Microcontroller
NUC123 NUVOTON-NUC123 Datasheet
1Mb / 99P
ARM짰 Cortex짰-M0 32-bit Microcontroller
NUC029XAN NUVOTON-NUC029XAN Datasheet
2Mb / 111P
ARM짰 Cortex짰-M0 32-bit Microcontroller
M051 NUVOTON-M051 Datasheet
1Mb / 86P
ARM짰 Cortex짰-M0 32-bit Microcontroller
NUC029 NUVOTON-NUC029_V01 Datasheet
1Mb / 102P
ARM짰 Cortex짰-M0 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com