Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81xM Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 55Page - NXP Semiconductors LPC81xM Datasheet HTML 56Page - NXP Semiconductors LPC81xM Datasheet HTML 57Page - NXP Semiconductors LPC81xM Datasheet HTML 58Page - NXP Semiconductors LPC81xM Datasheet HTML 59Page - NXP Semiconductors LPC81xM Datasheet HTML 60Page - NXP Semiconductors LPC81xM Datasheet HTML 61Page - NXP Semiconductors LPC81xM Datasheet HTML 62Page - NXP Semiconductors LPC81xM Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
59 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
14. Application information
14.1 Typical wake-up times
[1]
The wake-up time measured is the time between when a GPIO input pin is triggered to wake the device up
from the low power modes and from when a GPIO output pin is set in the interrupt service routine (ISR)
wake-up handler.
[2]
IRC enabled, all peripherals off.
[3]
Watchdog oscillator disabled, Brown-Out Detect (BOD) disabled.
[4]
Self wakeup-timer disabled. Wake-up from deep power-down causes the LPC800 to go through entire reset
process. The wake-up time measured is the time between when a wake-up pin is triggered to wake the
device up from the low power modes and from when a GPIO output pin is set in the reset handler.
14.2 XTAL input
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci + Cg). In slave
mode, a minimum of 200 mV(RMS) is needed.
In slave mode the input clock signal should be coupled by means of a capacitor of 100 pF
(Figure 36), with an amplitude between 200 mV (RMS) and 1000 mV (RMS). This
corresponds to a square wave signal with a signal swing of between 280 mV and 1.4 V.
The XTALOUT pin in this configuration can be left unconnected.
External components and models used in oscillation mode are shown in Figure 37 and in
Table 26 and Table 27. Since the feedback resistance is integrated on chip, only a crystal
and the capacitances CX1 and CX2 need to be connected externally in case of
fundamental mode oscillation (the fundamental frequency is represented by L, CL and
Table 25.
Typical wake-up times (3.3 V, Temp = 25 °C)
Power modes
VDD current
Wake-up time
Sleep mode (12 MHz)[1][2]
0.7 mA
2.6
s
Deep-sleep mode[1][3]
150
A4 s
Power-down mode[1][3]
0.9
A
50
s
Deep Power-down mode[4]
170 nA
215
s
Fig 36. Slave mode operation of the on-chip oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com