Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81xM Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 58Page - NXP Semiconductors LPC81xM Datasheet HTML 59Page - NXP Semiconductors LPC81xM Datasheet HTML 60Page - NXP Semiconductors LPC81xM Datasheet HTML 61Page - NXP Semiconductors LPC81xM Datasheet HTML 62Page - NXP Semiconductors LPC81xM Datasheet HTML 63Page - NXP Semiconductors LPC81xM Datasheet HTML 64Page - NXP Semiconductors LPC81xM Datasheet HTML 65Page - NXP Semiconductors LPC81xM Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
62 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
14.4 ElectroMagnetic Compatibility (EMC)
Radiated emission measurements according to the IEC61967-2 standard using the
TEM-cell method are shown for part LPC812M101FDH20.
[1]
IEC levels refer to Appendix D in the IEC61967-2 Specification.
Table 28.
ElectroMagnetic Compatibility (EMC) for part LPC812M101 (TEM-cell method)
VDD = 3.3 V; Tamb = 25 C.
Parameter
Frequency band
System clock =
Unit
12 MHz
24 MHz
30 MHz
Input clock: IRC (12 MHz)
maximum peak
level
1 MHz to 30 MHz
6
5
5dBV
30 MHz to 150 MHz
-2
-1
-2
dB
V
150 MHz to 1 GHz
1-1
-1
dB
V
IEC level[1]
-
OOO
-
Input clock: crystal oscillator (12 MHz)
maximum peak
level
1 MHz to 30 MHz
5
6
6dBV
30 MHz to 150 MHz
2-1
-2
dB
V
150 MHz to 1 GHz
1-2
-1
dB
V
IEC level[1]
-
OON
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com