Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81xM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 5Page - NXP Semiconductors LPC81xM Datasheet HTML 6Page - NXP Semiconductors LPC81xM Datasheet HTML 7Page - NXP Semiconductors LPC81xM Datasheet HTML 8Page - NXP Semiconductors LPC81xM Datasheet HTML 9Page - NXP Semiconductors LPC81xM Datasheet HTML 10Page - NXP Semiconductors LPC81xM Datasheet HTML 11Page - NXP Semiconductors LPC81xM Datasheet HTML 12Page - NXP Semiconductors LPC81xM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
9 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
SWDIO/PIO0_2/TMS 7
6
6
4
[2] I/O
I; PU
SWDIO — Serial Wire Debug I/O. SWDIO is enabled by
default on this pin.
In boundary scan mode: TMS (Test Mode Select).
I/O
-
PIO0_2 — General purpose digital input/output pin.
SWCLK/PIO0_3/
TCK
65
5
3
[2] I/O
I; PU
SWCLK — Serial Wire Clock. SWCLK is enabled by default
on this pin.
In boundary scan mode: TCK (Test Clock).
I/O
-
PIO0_3 — General purpose digital input/output pin.
PIO0_4/WAKEUP/
TRST
54
4
2
[6] I/O
I; PU
PIO0_4 — General purpose digital input/output pin.
In ISP mode, this is the USART0 transmit pin U0_TXD.
In boundary scan mode: TRST (Test Reset).
This pin triggers a wake-up from Deep power-down mode. If
you need to wake up from Deep power-down mode via an
external pin, do not assign any movable function to this pin.
This pin should be pulled HIGH externally before entering
Deep power-down mode. A LOW-going pulse as short as 50
ns causes the chip to exit Deep power-down mode and
wakes up the part.
RESET/PIO0_5
4
3
3
1
[4] I/O
I; PU
RESET — External reset input: A LOW-going pulse as short
as 50 ns on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor
execution to begin at address 0.
In deep power-down mode, this pin must be pulled HIGH
externally. The RESET pin can be left unconnected or be
used as a GPIO or for any movable function if an external
RESET function is not needed and the Deep power-down
mode is not used.
I-
PIO0_5 — General purpose digital input/output pin.
PIO0_6/VDDCMP
18
15
15
-
[9] I/O
I; PU
PIO0_6 — General purpose digital input/output pin.
AI
-
VDDCMP — Alternate reference voltage for the analog
comparator.
PIO0_7
17
14
14
-
[2] I/O
I; PU
PIO0_7 — General purpose digital input/output pin.
PIO0_8/XTALIN
14
11
11
-
[8] I/O
I; PU
PIO0_8 — General purpose digital input/output pin.
I-
XTALIN — Input to the oscillator circuit and internal clock
generator circuits. Input voltage must not exceed 1.95 V.
PIO0_9/XTALOUT
13
10
10
-
[8] I/O
I; PU
PIO0_9 — General purpose digital input/output pin.
O-
XTALOUT — Output from the oscillator circuit.
PIO0_10
9
8
8
-
[3] IIA
PIO0_10 — General purpose digital input/output pin. Assign
I2C functions to this pin when true open-drain pins are
needed for a signal compliant with the full I2C specification.
PIO0_11
8
7
7
-
[3] IIA
PIO0_11 — General purpose digital input/output pin. Assign
I2C functions to this pin when true open-drain pins are
needed for a signal compliant with the full I2C specification.
Table 4.
Pin description table (fixed pins)
Symbol
Type Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com