Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81xM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 6Page - NXP Semiconductors LPC81xM Datasheet HTML 7Page - NXP Semiconductors LPC81xM Datasheet HTML 8Page - NXP Semiconductors LPC81xM Datasheet HTML 9Page - NXP Semiconductors LPC81xM Datasheet HTML 10Page - NXP Semiconductors LPC81xM Datasheet HTML 11Page - NXP Semiconductors LPC81xM Datasheet HTML 12Page - NXP Semiconductors LPC81xM Datasheet HTML 13Page - NXP Semiconductors LPC81xM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
10 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[1]
Pin state at reset for default function: I = Input; AI = Analog Input; O = Output; PU = internal pull-up enabled (pins pulled up to full VDD
level); IA = inactive, no pull-up/down enabled.
[2]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis; includes
high-current output driver.
[3]
True open-drain pin. I2C-bus pins compliant with the I2C-bus specification for I2C standard mode, I2C Fast-mode, and I2C Fast-mode
Plus. Do not use this pad for high-speed applications such as SPI or USART. The pin requires an external pull-up to provide output
functionality. When power is switched off, this pin is floating and does not disturb the I2C lines. Open-drain configuration applies to all
functions on this pin.
Remark: If this pin is not available on the package, prevent it from internally floating as follows: Set bits 10 and 11 in the GPIO DIR0
register to 1 to enable the output driver and write 1 to bits 10 and 11 in the GPIO CLR0 register to drive the outputs LOW internally.
[4]
See Figure 11 for the reset pad configuration. RESET functionality is not available in Deep power-down mode. Use the WAKEUP pin to
reset the chip and wake up from Deep power-down mode. An external pull-up resistor is required on this pin for the Deep power-down
mode.
[5]
5 V tolerant pin providing standard digital I/O functions with configurable modes, configurable hysteresis, and analog input. When
configured as an analog input, the digital section of the pin is disabled, and the pin is not 5 V tolerant.
[6]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis. In Deep
power-down mode, pulling this pin LOW wakes up the chip. The wake-up pin function can be disabled and the pin can be used for other
purposes, if the WKT low power oscillator is enabled for waking up the part from Deep power-down mode.
[7]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis.
[8]
5 V tolerant pin providing standard digital I/O functions with configurable modes, configurable hysteresis, and analog I/O for the system
oscillator. When configured as an analog I/O, the digital section of the pin is disabled, and the pin is not 5 V tolerant.
[9]
The digital part of this pin is 3 V tolerant pin due to special analog functionality. Pin provides standard digital I/O functions with
configurable modes, configurable hysteresis, and an analog input. When configured as an analog input, the digital section of the pin is
disabled.
PIO0_12
3
2
2
-
[2] I/O
I; PU
PIO0_12 — General purpose digital input/output pin. ISP
entry pin on the SO20/TSSOP20/TSSOP16/XSON16
packages starting with chip version 4C (see Table 6). A
LOW level on this pin during reset starts the ISP command
handler.
See pin PIO0_1 for the DIP8 package and chip versions 1A
and 2A.
PIO0_13
2
1
1
-
[2] I/O
I; PU
PIO0_13 — General purpose digital input/output pin.
PIO0_14
20
-
-
-
[7] I/O
I; PU
PIO0_14 — General purpose digital input/output pin.
PIO0_15
11
-
-
-
[7] I/O
I; PU
PIO0_15 — General purpose digital input/output pin.
PIO0_16
10
-
-
-
[7] I/O
I; PU
PIO0_16 — General purpose digital input/output pin.
PIO0_17
1
-
-
-
[7] I/O
I; PU
PIO0_17 — General purpose digital input/output pin.
VDD
15
12
12
6
-
-
3.3 V supply voltage.
VSS
16
13
13
7
-
-
Ground.
Table 4.
Pin description table (fixed pins)
Symbol
Type Reset
state
[1]
Description
Table 5.
Movable functions (assign to pins PIO0_0 to PIO_17 through switch matrix)
Function name
Type
Description
U0_TXD
O
Transmitter output for USART0.
U0_RXD
I
Receiver input for USART0.
U0_RTS
O
Request To Send output for USART0.
U0_CTS
I
Clear To Send input for USART0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com