Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2000 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA2000 Datasheet HTML 1Page - ON Semiconductor FSA2000 Datasheet HTML 2Page - ON Semiconductor FSA2000 Datasheet HTML 3Page - ON Semiconductor FSA2000 Datasheet HTML 4Page - ON Semiconductor FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000
• Rev. 1.0.0
3
Functional Diagram
Functional Mode
Power Down
Audio Power Down
Transient
Suppression
Audio Mode
USB Mode
V
BUS
LOW
LOW
LOW
LOW
HIGH
V
CC
LOW
HIGH
HIGH
HIGH
X
(1)
/SHDN
X
(1)
LOW
HIGH
HIGH
X
(1)
MUTE
X
(1)
X
(1)
HIGH
LOW
X
(1)
Charge Pump
OFF
OFF
ON
ON
OFF
R/L Amplifiers
OFF
OFF
OFF
ON
OFF
D+/R, D-/L
HI-Z
HI-Z
D+/R, D-/L=0V
R/L
D+/D-
Figure 3 Label
A
B
C
D
E
Notes:
1.
The (X) indicates “Don’t Care” state.
Figure 3. Functional Diagram
Audio Power Down
–An active-LOW shutdown pin (/SHDN) allows the amplifiers to be placed in low-power
(or shutdown) mode to conserve battery power. While the FSA2000 is in shutdown mode, USB data transfers are
allowed whenever a USB cable is connected to a host (VBUS is HIGH). The audio amplifiers are enabled and
connected to the common port when /SHDN is HIGH and VBUS is LOW.
Transient Suppression
– The FSA2000 audio amplifier has a soft turn-on feature that suppresses click and pop on
the audio path when the path is selected. In addition to the soft turn-on feature of the amplifier, the MUTE pin mutes
the audio path when asserted HIGH. The mute functionality also has an internal pull-down that disables mute if the
MUTE pin is floated. The MUTE pin allows control of the mute functionality by the application. Please refer to
application note AN-8031, describing the recommended timing and control of MUTE for optimal performance.
V
BUS
D+
D-
D+/R
D-/L
R
L
MUTE
/SDHN
V
CC
Audio
Control
USB
Control
A
B
C
D
E
Audio Mode
USB Mode
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com