Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2000 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor FSA2000 Datasheet HTML 10Page - ON Semiconductor FSA2000 Datasheet HTML 11Page - ON Semiconductor FSA2000 Datasheet HTML 12Page - ON Semiconductor FSA2000 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000
• Rev. 1.0.0
9
USB High-Speed-Related AC Electrical Characteristics
TA = 25°C unless otherwise noted.
Symbol
Parameter
VBUS (V)
Conditions
TA = - 40°C to +85°C
Unit
Min.
Typ.
Max.
tSK(P)
Skew of Opposite Transitions of the
Same Output
(6)
4.0 to 5.5
tR = tF = 750ps (10-90%) at 240MHz
CL = 0pF, RL
= 50Ω
35
ps
tJ
Total Jitter
(6)
4.0 to 5.5
RL
= 50Ω, C
L = 50pF, tR = tF = 500ps
(10-90%) at 480Mbps (PRBS = 2
15
– 1)
130
ps
Note:
6.
Guaranteed by characterization; not production tested.
Capacitance
TA = 25°C unless otherwise noted.
Symbol
Parameter
VCC /VBUS(V)
Conditions
TA = - 40°C to +85°C
Unit
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
(/SHDN, MUTE)
VCC = 3.0, 4.5
VBias = 0.05V
2.8
pF
CON_USB
D+, D- (Source Port) On Capacitance
VBUS=5.0
VBias = 0.2V, f = 1MHz, f=240MHz
8.8
pF
COFF_USB
D+, D- (Source Port) Off Capacitance
VBUS=5.0
f = 1MHz
2.8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com