Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2000 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA2000 Datasheet HTML 1Page - ON Semiconductor FSA2000 Datasheet HTML 2Page - ON Semiconductor FSA2000 Datasheet HTML 3Page - ON Semiconductor FSA2000 Datasheet HTML 4Page - ON Semiconductor FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
March 2013
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000 • Rev. 1.0.0
FSA2000
Auto-Selecting HS-USB Switch with Cap-Free Headphone
Audio Amplifier
Features
Switch Type
USB + Headphone Amplifier
Switch Mechanism
Auto (USB with VBUS)
USB Detection
YES
USB
USB 2.0 High Speed &
Full-Speed Compliant
Audio Amplifier
Class AB
Amplifier Output Power
40mWRMS (32
Ω)
Amplifier Gain
0dB
THD+N
0.1%
SNR
-90dB
PSRR
-95dB
VCC
2.7 to 4.3V
ICC (Audio)
3mA
ICC(USB)
6µA
Package
16- Lead UMLP 1.80 x 2.60 x
0.55mm, 0.40mm pitch
Ordering Information
FSA2000UMX
Applications
MP3 Portable Media Players
Cellular Phones, Smartphones
Description
The FSA2000 is a low-cost integrated HS-USB and audio
switch that incorporates an audio headphone amplifier. This
solution eliminates many of the discrete parts currently used
in stereo headset applications. It provides stereo headphone
drivers designed to operate with a ground-centered output
signal. This allows for the removal of large and expensive
DC blocking capacitors. The headphone drivers are capable
of driving up to 40mWRMS per channel.
Related Resources
FSA2000 Demonstration Board
FSA2000 Evaluation Board
FDB323 — FSA2000 Demonstration Board User Guide
FEB322 — FSA2000 Evaluation Board User Guide
AN-8032 — Demonstration Board Quick-Start Guide
AN-8031 — Utilizing the FSA2000 MUTE Function to
Reduce Audio “Click” and “Pop”
For samples, questions, or board requests; please
contact: Analog.Switch@fairchildsemi.com.
Typical Application
Figure 1. Mobile Phone Example
D+
D-
0.1µF
OR
0.1µF
V-
V+
+
-
V-
V+
+
-
R
L
D+/ R
D-/ L
Headphone
Amplifiers
FS / HS USB
32
Ω
32
Ω
USB Data
Cable
Auto Switches to USB
when V
BUS present
Audio
Subsystem
USB TX
Eliminates large
220µF capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com