Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2000 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSA2000 Datasheet HTML 4Page - ON Semiconductor FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor FSA2000 Datasheet HTML 10Page - ON Semiconductor FSA2000 Datasheet HTML 11Page - ON Semiconductor FSA2000 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000
• Rev. 1.0.0
7
DC Electrical Characteristics
TA = 25°C, VCC = 3.0V, audio inputs at -
6dBV and AC coupled with 0.1µF, audio outputs DC coupled into 32Ω loads
referenced to 1kHz, unless otherwise noted.
Symbol
Parameter
VCC (V)
Conditions
TA = - 40°C to +85°C
Unit
Min.
Typ.
Max.
Common Pins
VIH
/SHDN, MUTE, Control Input
Voltage HIGH
2.7 to 4.5
1.65
V
VIL
Control Input Voltage LOW
2.7 to 4.5
0.5
IIN
/SHDN, MUTE, Input HIGH
Current
4.5
VCNTRL = 3.6V
-1
10
µA
VCNTRL = 0V
-1
1
IOFF
Power Off Leakage Current
VCC = VBUS = 0
Common Port (D+/R, D-/L)
VSW = 0V, 5.5V
10
µA
INO(0FF)
Off-Leakage Current of Port
D+, D-
3.6
D+/R, D-/L = 0.3V,
VCC
– 0.3V, D+, D- = 0.3V,
VCC
– 0.3V or Floating,
/SHDN=0V, VBUS=0v,
MUTE=0V, R/L=0V
-50
1
50
nA
INC(0N)
On-Leakage Current of Port
D+/R or D-/L
3.6
D+/R, D-/L = 0.3V, VCC
– 0.3V
D+, D- = Floating
VBUS=5.5V, /SHDN=0V,
MUTE=0V, R/L=0V
-50
1
50
nA
RPD
VBUS, MUTE, Internal Pull-Down
Resistor
3.5
M
USB Switch Path
USB Analog Signal Range
0
3.6
V
RONUSB
HS Switch On Resistance
(2)
VBUS=5
VD+/D- = 0V, 0.4V, ION = -8mA
4.0
6.5
Ω
∆ R
ONUSB
HS Delta RON
(2, 3)
VBUS=5
VD+/D- = 0V, ION = - 8mA
0.4
Ω
Audio Amplifier Path
ZIN
Audio Amp Input Impedance
(4)
3.0 to 4.5
90
kΩ
Power Supply
ICC(Audio)
Quiescent Supply Current
(Audio Mode)
4.5
IOUT = 0, /SHDN = VCC,
MUTE=0V, D+/D-=0V
3
5
mA
ICC(/SHDN)
Quiescent Supply Current (VCC)
in Shutdown Mode
4.5
IOUT = 0, /SHDN = 0V,
MUTE=0V, D+/D-=0V
1
5
µA
ICC(USB)
Quiescent Supply Current
(USB Mode)
VBUS=5.5
IOUT=0, MUTE=0V,
/SHDN=VBUS, L/R=0V
6
10
µA
Notes:
2.
On resistance is determined by the voltage drop between the D+/D- and D+/R,D-/L pins at the indicated current through
the switch.
3.
∆RON = RON_max – RON_min measured at identical VCC, temperature, and voltage.
4.
Guaranteed by characterization, but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com