Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2000 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor FSA2000 Datasheet HTML 10Page - ON Semiconductor FSA2000 Datasheet HTML 11Page - ON Semiconductor FSA2000 Datasheet HTML 12Page - ON Semiconductor FSA2000 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000
• Rev. 1.0.0
10
Physical Dimensions
Figure 7. 16-Pin Ultrathin Molded Leadless Package (UMLP)
Order Number
Operating Temperature Range
Package Description
Packing Method
FSA2000UMX
-40 to 85°C
16-Terminal Ultrathin Molded Leadless Package (UMLP)
Tape & Reel
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty
therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.
A. THIS PACKAGE IS NOT CURRENTLY REGISTERED WITH
C. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994
TOP VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN
0.10 C
0.08 C
B
A
C
2.60
1.80
0.10 C
2X
2X
SIDE VIEW
SEATING
PLANE
0.10 C
0.050
0.10 C A B
0.05 C
0.55 MAX.
0.40
PIN #1 IDENT
1
5
9
13
16
ALL TERMINALS
2.100
2.900
0.400
0.663
0.563
0.225
1
15X
16X
0.152
F. DRAWING FILE NAME : UMLP16AREV3
D. TERMINAL SHAPE MAY VARY ACCORDING TO PACKAGE
SUPPLIER, SEE TERMINAL SHAPE VARIANTS
B. DIMENSIONS ARE IN MILLIMETERS.
ANY STANDARDS COMMITTEE
0.40
0.60
0.100
0.30
0.50
0.100
TERMINAL SHAPE VARIANTS
0.15
0.25
15X
PIN 1
NON-PIN 1
0.15
0.25
15X
0.30
0.50
0.15
0.25
0.30
0.50
0.15
0.25
15X
15X
Supplier 1
Supplier 2
PIN 1
NON-PIN 1
E. LAND PATTERN IS A MINIMAL TOE DESIGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com