Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2000 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 3 Page - ON Semiconductor

  FSA2000 Datasheet HTML 1Page - ON Semiconductor FSA2000 Datasheet HTML 2Page - ON Semiconductor FSA2000 Datasheet HTML 3Page - ON Semiconductor FSA2000 Datasheet HTML 4Page - ON Semiconductor FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000
• Rev. 1.0.0
2
Pin Descriptions
Pin #
Name
Type
Description
1
D+
I/O
USB D+ port from processor or transceiver
2
D-
I/O
USB D- port from processor or transceiver
3
R
Input
Right audio channel input
4
L
Input
Left audio channel input
5
VCC
Audio Supply
Supply voltage for audio amplifiers, charge pump, and audio control; not required for USB path
6
MUTE
Input
Control pin intended to be used temporarily to quiet transients on the audio path upon transition of
/SHDN. Ground if not being used.
7
/SHDN
Input
Shutdown Enable (Requires VCC only)
8
GND
GND
IC ground
9
D-/L
I/O
Common USB/Audio Port; USB D- data to connector or left audio channel output
10
D+/R
I/O
Common USB/Audio Port; USB D+ data to connector or right audio channel output
11
VBUS
Input/Supply
USB input select pin and USB supply
12
V+
Node
Node for filtering internal positive amplifier rail; suggest 1µF to GND
13
V-
Input
Negative amplifier rail input; suggest 1µF to GND. Requires connection to CPO.
14
CPO
Output
Charge pump output used to drive V-, suggest 2.2 µF to GND for filtering.
15
CM
I/O
Charge pump negative flying capacitor pin; connect to CP via storage capacitor, typically 1µF.
16
CP
I/O
Charge pump positive flying capacitor pin; connect to CM via storage capacitor ,typically 1µF.
Pin Configuration
Figure 2. FSA2000UMX (Top View)
1
5
6
7
8
9
10
11
2
3
12
16
15
14
13
4
V-
V+
+
-
3M
Ω
Audio / Click & Pop Control
CP
CM
CPO
V-
V+
V
BUS
D+/R
D-/L
V
CC
MUTE
/SHDN
GND
D+
D-
R
L
V-
V+
+
-
Charge Pump
& Voltage
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com