Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2000 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 5 Page - ON Semiconductor

  FSA2000 Datasheet HTML 1Page - ON Semiconductor FSA2000 Datasheet HTML 2Page - ON Semiconductor FSA2000 Datasheet HTML 3Page - ON Semiconductor FSA2000 Datasheet HTML 4Page - ON Semiconductor FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000
• Rev. 1.0.0
4
Functional Description
Figure 4. Micro-USB Application
Application Guidelines
Device Placement
– Minimize to USB port & USB TX.
PIN 1, 2, 9, 10
– Minimize and match trace lengths for
USB compliance.
PIN 3, 4
– Suggest 0.1µFcapacitor as close to the
device as possible for DC-blocking and setting low-
frequency response of audio amplifier. The input
capacitors combine with the input impedance of the
amplifiers to form a high-pass filter. Equation 1 can be
used to calculate the -3dB cut-off frequency of the high-
pass filter for the given input capacitor value and the
FSA2000 input impedance.
i
INC
Z
2
1
f
dB
3
(1)
)
1
.
0
)(
90
(
2
1
7
.
17
F
k
Hz
(2)
It is desirable to be below the 20Hz audio range.
Users have flexibility to adjust capacitor for audio
performance in the system design. Equation 2 shows the
cut-off frequency of the recommended guidelines.
PIN 5
– Use standard decoupling devices, 0.1µF & 1µF
capacitors; as close to the device as possible.
PIN 8
– Minimize ground trace length between headphone
connector and device; minimize ground path resistance.
PIN 12
– Suggested 0.1µFcapacitor to GND for filtering; as
close to the device as possible.
PIN13, 14
– Use low-ESR (equivalent series resistance)
ceramic capacitors for lowest charge pump impedance,
which provides maximum output power of the audio
amplifiers. Recommended to place the components as close
as possible to the device.
PIN15, 16 - The charge pump has been optimized for low-
ESR ceramic capacitors for the flying capacitor between CP
and CM, along with the output capacitors on V+, CPO, and
V-. Optimized values for these capacitors are in Figure 4.
1
5
6
7
8
9
10
11
2
3
12
16
15
14
13
4
V-
V+
+
-
Audio / Click & Pop Control
CP
CM
CPO
V-
V+
V
BUS
D+/R
D-/L
V
CC
MUTE
/SHDN
GND
D+
D-
R
L
V-
V+
+
-
Charge Pump
& Voltage
Regulator
0.1µF
0.1µF
1µF
1µF
1µF
2.2µF
Audio
Subsystem
HS USB TX
2.7
– 4.3V
1µF
0.1µF
C
i
C
i
Z
IN
Z
IN
USB
Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com