Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2000 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSA2000 Datasheet HTML 3Page - ON Semiconductor FSA2000 Datasheet HTML 4Page - ON Semiconductor FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor FSA2000 Datasheet HTML 10Page - ON Semiconductor FSA2000 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000
• Rev. 1.0.0
6
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
Audio Mode
-0.3
+4.5
V
USB Mode
-0.3
+6.0
VBUS
Supply Voltage
-0.3
+6.0
V
VCNTRL
Control Pin Voltage - /SHDN, MUTE
-0.3
+6.0
V
VSWUSB
USB I/O
VBUS
– 6.0
VBUS + 0.3
V
VSWAUDIO
Audio I/O
VCC
– 6.0
VCC + 0.3
V
ISW
Switch I/O Current (Continuous)
30
mA
IPEAK
Peak Switch I/O Current (Pulsed, 1ms Duration, <10% Duty Cycle)
50
mA
TJ
Junction Temperature
+150
C
TSTG
Storage Temperature Range
-65
+150
C
TL
Lead Temperature (Soldering, 10 seconds)
+240
C
ESD
IEC 61000-4-2 System
USB Connector pins (D+/R, D-/L, VBUS)
Air Gap
15
kV
JEDEC JESD22-A114, Human Body Model
D+/R, D-/L
4
All Other Pins
2
VBUS
1
JEDEC JESD22-C101, Charged Device Model
All Pins
2
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend
exceeding these ratings or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VBUS
USB Supply Voltage
4.0
5.0
5.5
V
VCC
Supply Voltage
2.7
3.3
4.5
V
VCNTRL
Control Voltage - /SHDN, MUTE
0
VCC
V
VSWUSB
D+/L, D-/R, D+, D- Input Range
0
VBUS
V
VSWAUDIO
L,R Audio Input Range
-2.5
VCC
V
VSWING
L,R Audio Input Amplitude
5
VP-P
TA
Temperature Range
-40
+25
+85
°C
ZLOAD
Headset Load Impedance
16
32
Ω
JA
Package Thermal Resistance, JEDEC Standard Multi-Layer Boards, Still Air
40
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com