Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302B Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 3Page - ON Semiconductor FUSB302B Datasheet HTML 4Page - ON Semiconductor FUSB302B Datasheet HTML 5Page - ON Semiconductor FUSB302B Datasheet HTML 6Page - ON Semiconductor FUSB302B Datasheet HTML 7Page - ON Semiconductor FUSB302B Datasheet HTML 8Page - ON Semiconductor FUSB302B Datasheet HTML 9Page - ON Semiconductor FUSB302B Datasheet HTML 10Page - ON Semiconductor FUSB302B Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
FUSB302B
www.onsemi.com
7
Table 4. PROCESSOR CONFIGURES THE
FUSB302B THROUGH I2C
I2C Registers/Bits
Value
TOGGLE
1
PWR
07H
HOST_CUR0
1
HOST_CUR1
0
MEAS_VBUS
0
VCONN_CC1
0
VCONN_CC2
0
Mask Register
0xFE
Maska Register
0xBF
Maskb Register
(Except I_TOGDONE and I_BC_LVL Interrupt)
0x01
PWR[3:0]
0xBF
1. Once it has been determined what the role is of the FUSB302B,
it returns I_TOGDONE and TOGSS1/2.
2. Processor then can perform a final manual check through I2C.
Manual Device Toggle
The FUSB302B has the capability to do manual DRP
toggle. In manual toggle the FUSB302B is configurable by
the processor software by I2C and setting TOGGLE = 0.
Manual Device Detection and Configuration
A Type-C device must monitor VBUS to determine if it is
attached or detached. The FUSB302B provides this
information through the VBUSOK interrupt. After the
Type-C device knows that a Type-C host has been attached,
it needs to determine what type of termination is applied to
each CC pin. The software determines if an Ra or Rd
termination is present based on the BC_LVL and COMP
interrupt and status bits.
Additionally, for Rd terminations, the software can
further determine what charging current is allowed by the
Type-C host by reading the BC_LVL status bits. This is
summarized in Table 5.
Toggle Functionality
When TOGGLE bit (Control2 register) is set the
FUSB302B implements a fixed DRP toggle between
presenting as a SRC and as a SNK. It can also be configured
to present as a SRC only or SNK only and poll CC1 and CC2
continuously. This operation is turned on with TOGGLE = 1
and the processor should initially write HOST_CUR1 = 0,
HOST_CUR0 = 1 (for default current), VCONN_CC1 =
VCONN_CC2 = 0,
Mask
Register = 0xFE,
Maska
register = 0xBF, and Maskb register = 0x01, and PWR =
0x01. The processor should also read the interrupt register
to clear them prior to setting the TOGGLE bit.
Table 5. DEVICE INTERRUPT SUMMARY
Status Type
Interrupt Status
Meaning
BC_LVL[1:0]
COMP
COMP Setting
VBUSOK
CC Detection
2’b00
NA
NA
1
vRA
2’b01
NA
NA
1
vRd−Connect and vRd−USB
2’b10
NA
NA
1
vRd−Connect and vRd−1.5
2’b11
0
6’b11_0100
(2.05 V)
1
vRd−Connect and vRd−3.0
Attach
NA
NA
NA
1
Host Attached, VBUS Valid
Detach
NA
NA
NA
0
Host Detached, VBUS Invalid
The high level software flow diagram for a Type-C device
(SNK) is shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com