Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302B Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB302B Datasheet HTML 1Page - ON Semiconductor FUSB302B Datasheet HTML 2Page - ON Semiconductor FUSB302B Datasheet HTML 3Page - ON Semiconductor FUSB302B Datasheet HTML 4Page - ON Semiconductor FUSB302B Datasheet HTML 5Page - ON Semiconductor FUSB302B Datasheet HTML 6Page - ON Semiconductor FUSB302B Datasheet HTML 7Page - ON Semiconductor FUSB302B Datasheet HTML 8Page - ON Semiconductor FUSB302B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2017 − Rev. 4
1
Publication Order Number:
FUSB302B/D
FUSB302B
FUSB302B Programmable
USB Type‐C Controller w/PD
Description
The FUSB302B targets system designers looking to implement
a DRP/SRC/SNK USB Type-C connector with low amount of
programmability
.
The FUSB302B enables the USB Type-C detection including
attach, and orientation. The FUSB302B integrates the physical layer
of the USB BMC power delivery protocol to allow up to 100 W of
power and role swap. The BMC PD block enables full support for
alternative interfaces of the Type-C specification.
Features
• Dual-role Functionality with Autonomous DRP Toggle
• Ability to Connect as Either a Host or a Device Based on What Has
Been Attached
• Software Configurable Either as a Dedicated Host, Dedicated
Device, or Dual Role
♦ Dedicated Devices can Operate both on a Type-C Receptacle or
a Type-C Plug with a Fixed CC and VCONN Channel
• Full Type-C 1.2 Support. Integrates the Following Functionality of
the CC Pin:
♦ Attach/Detach Detection as Host
♦ Current Capability Indication as Host
♦ Current Capability Detection as Device
♦ Audio Adapter Accessory Mode
♦ Debug Accessory Mode
♦ Active Cable Detection
• Integrates CCx to VCONN Switch with Over-current Limiting for
Powering USB3.1 Full Featured Cables
• USB Power Delivery (PD) 2.0, Version 1.2 Support:
♦ Automatic GoodCRC Packet Response
♦ Automatic Retries of Sending a Packet if a GoodCRC is Not
Received
♦ Automatic Soft Reset Packet Sent with Retries if Needed
♦ Automatic Hard Reset Ordered Set Sent
• Dead Battery Support (SNK Mode Support when No Power Applied)
• Low Power Operation: ICC = 25 mA (Typical)
• AEC−Q100 Automotive Qualified Temperature Grade 2:
(−40
°C to +105°C)
• Packaged in:
♦ 9-ball WLCSP (1.215 mm
× 1.260 mm)
♦ 14-lead MLP (2.5 mm
× 2.5 mm, 0.5 mm Pitch)
Applications
• Smartphones
• Tablets
• Laptops
• Notebooks
• Power Adapters
• Cameras
• Dongles
• Automotive
www.onsemi.com
WLCSP9
CASE 567TN
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
WQFN14
CASE 510BR


Similar Part No. - FUSB302B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB302 ONSEMI-FUSB302 Datasheet
1Mb / 35P
Programmable USB Type-C Controller w/PD
July 2017 Rev. 2
FUSB302MPX ONSEMI-FUSB302MPX Datasheet
1Mb / 35P
Programmable USB Type-C Controller w/PD
July 2017 Rev. 2
FUSB302MPX. ONSEMI-FUSB302MPX. Datasheet
1Mb / 35P
Programmable USB Type-C Controller w/PD
July 2017 Rev. 2
FUSB302T ONSEMI-FUSB302T Datasheet
1Mb / 36P
Programmable USB Type-C Controller w/PD
October 2018 Rev. 2
FUSB302TMPX ONSEMI-FUSB302TMPX Datasheet
1Mb / 36P
Programmable USB Type-C Controller w/PD
October 2018 Rev. 2
More results

Similar Description - FUSB302B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB302 ONSEMI-FUSB302 Datasheet
1Mb / 35P
Programmable USB Type-C Controller w/PD
July 2017 Rev. 2
FUSB302T ONSEMI-FUSB302T Datasheet
1Mb / 36P
Programmable USB Type-C Controller w/PD
October 2018 Rev. 2
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Richtek Technology Corp...
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
RT7207 RICHTEK-RT7207 Datasheet
395Kb / 25P
USB PD Type-C Controller for SMPS
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com