Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302B Datasheet(PDF) 13 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 9Page - ON Semiconductor FUSB302B Datasheet HTML 10Page - ON Semiconductor FUSB302B Datasheet HTML 11Page - ON Semiconductor FUSB302B Datasheet HTML 12Page - ON Semiconductor FUSB302B Datasheet HTML 13Page - ON Semiconductor FUSB302B Datasheet HTML 14Page - ON Semiconductor FUSB302B Datasheet HTML 15Page - ON Semiconductor FUSB302B Datasheet HTML 16Page - ON Semiconductor FUSB302B Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
FUSB302B
www.onsemi.com
13
Figure 15. I2C Read Example
S
WR A
A S
RD A
A
A
NA P
Register address to Read specified
Note:
8bits
If Register is not specified Master will begin read from current register. In this case only sequence showing in Red
bracket is needed
Single or multi byte read executed from current register location (Single Byte read is
initiated by Master with NA immediately following first data byte)
Read Data K+1
Read Data K+N-1
8bits
8bits
8bits
Slave Address
Register Address K
Read Data K
Slave Address
From Master to Slave
S Start Condition
NA NOT Acknowledge (SDA High)
RD
Read =1
From Slave to Master
A Acknowledge (SDA Low)
WR Write=0
P
Stop Condition
Table 7. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VvDD
Supply Voltage from VDD
−0.5
6.0
V
VCC_HDDRP
CC pins when configured as Host, Device or Dual Role Port
−0.5
6.0
V
VVBUS
VBUS Supply Voltage
−0.5
28
.0
V
TSTORAGE
Storage Temperature Range
−65
+150
°C
TJ
Maximum Junction Temperature
−
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
−
+260
°C
ESD
Human Body Model, ANSI/ESDA/JEDEC JS−001−2012
4
−
kV
Charged Device Model, JEDEC JESD22−C101
1
−
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 8. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VVBUS
VBUS Supply Voltage
4.0
5
.0
21
.0
V
VVDD
VDD Supply Voltage
2.7 (Note 3)
3.3
5.5
V
VVCONN
VCONN Supply Voltage
2.7
−
5.5
V
IVCONN
VCONN Supply Current
−
−
560
mA
TA
Operating Temperature
−40
−
+85
°C
TA
Operating Temperature (Note 11)
−40
−
+105
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
3. This is for functional operation only and not the lowest limit for all subsequent electrical specifications below. All electrical parameters have
a minimum of 3.0 V operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com