Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302B Datasheet(PDF) 30 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 30 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 24Page - ON Semiconductor FUSB302B Datasheet HTML 25Page - ON Semiconductor FUSB302B Datasheet HTML 26Page - ON Semiconductor FUSB302B Datasheet HTML 27Page - ON Semiconductor FUSB302B Datasheet HTML 28Page - ON Semiconductor FUSB302B Datasheet HTML 29Page - ON Semiconductor FUSB302B Datasheet HTML 30Page - ON Semiconductor FUSB302B Datasheet HTML 31Page - ON Semiconductor FUSB302B Datasheet HTML 32Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
FUSB302B
www.onsemi.com
30
REFERENCE SCHEMATIC
Figure 18. FUSB302/FUSB302B Reference Schematic Diagram
RPU
VCONN
VPU
VDD
CBULK
CVDD1
CVDD2
CVCONN
SCL
SDA
INT_N
RPU
RPU_INT
CC1
CC2
GND
CC2
CC1
C1
A1
C2
CRECV
CRECV
VBUS_IN
FUSB302B
VBUS
VCONN
VOD
SCL
SDA
INT_N
A2
B1
A3
B3
C3
B2
J2
USB TYP-C
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
GNDA1
TX1P
TX1M
VBUSA1
CC1
DPA
DMA
RFU1
VBUSA2
RX2M
RX2P
GNDA2
GNDB1
TX2P
TX2M
VBUSB1
CC2
DPB
DPB
DMB
RFU2
VBUSB2
RX1M
RX1P
GNDB2
Table 43. RECOMMENDED COMPONENT VALUES FOR REFERENCE SCHEMATIC
Symbol
Parameter
Recommended Value
Unit
Min
Typ
Max
CRECV
CCX Receiver Capacitance
200
−
600
pF
CBULK
VCONN Source Bulk Capacitance
10
−
220
mF
CVCONN
VCONN Decoupling Capacitance
−
0.1
−
mF
CVDD1
VDD Decoupling Capacitance
−
0.1
−
mF
CVDD2
VDD Decoupling Capacitance
−
1.0
−
mF
RPU
I2C Pull-up Resistors
−
4.7
−
k
W
RPU_INT
INT_N Pull-up Resistor
1.0
4.7
−
k
W
VPU
I2C Pull-up Voltage
1.71
−
VDD
V
The table below is in reference to the WLCSP package
drawing on the following page.
Table 44. PRODUCT-SPECIFIC DIMENSIONS
Product
D
E
X
Y
FUSB302BUCX
1.260 mm
1.215 mm
0.2075 mm
0.230 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com