Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302B Datasheet(PDF) 18 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 14Page - ON Semiconductor FUSB302B Datasheet HTML 15Page - ON Semiconductor FUSB302B Datasheet HTML 16Page - ON Semiconductor FUSB302B Datasheet HTML 17Page - ON Semiconductor FUSB302B Datasheet HTML 18Page - ON Semiconductor FUSB302B Datasheet HTML 19Page - ON Semiconductor FUSB302B Datasheet HTML 20Page - ON Semiconductor FUSB302B Datasheet HTML 21Page - ON Semiconductor FUSB302B Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
FUSB302B
www.onsemi.com
18
Figure 17. Definition of Timing for Full-Speed Mode Devices on the I2C Bus
Table 15. I2C SLAVE ADDRESS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FUSB302BUCX,
FUSB302BMPX,
FUSB302BVMPX
0
1
0
0
0
1
0
R/W
FUSB302B01MPX
0
1
0
0
0
1
1
R/W
FUSB302B10MPX
0
1
0
0
1
0
0
R/W
FUSB302B11MPX
0
1
0
0
1
0
1
R/W
Table 16. REGISTER DEFINITIONS (Notes 8 and 9)
Address
Register
Name
Type
Reg
Value
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x01
Device ID
R
9X
Version ID[3:0]
Product ID[1:0]
Revision ID[1:0]
0x02
Switches0
R/W
3
PU_EN2
PU_EN1
VCONN_
CC2
VCONN_
CC1
MEAS_
CC2
MEAS_
CC1
PDWN2
PDWN1
0x03
Switches1
R/W
20
POWER
ROLE
SPEC
REV1
SPEC
REV0
DATA
ROLE
AUTO_
CRC
TXCC2
TXCC1
0x04
Measure
R/W
31
MEAS_
VBUS
MDAC5
MDAC4
MDAC3
MDAC2
MDAC1
MDAC0
0x05
Slice
R/W
60
SDAC_
HYS1
SDAC_
HYS2
SDAC5
SDAC4
SDAC3
SDAC2
SDAC1
SDAC0
0x06
Control0
R/W/C
24
TX_
FLUSH
INT_MASK
HOST_
CUR1
HOST_
CUR0
AUTO_
PRE
TX_START
0x07
Control1
R/W/C
0
ENSOP
2DB
ENSOP
1DB
BIST_
MODE2
RX_
FLUSH
ENSOP2
ENSOP1
0x08
Control2
R/W
2
TOG_
SAVE_
PWR2
TOG_
SAVE_
PWR1
TOG_RD_
ONLY
WAKE_EN
MODE[1:0]
TOGGLE
0x09
Control3
R/W
6
SEND_
HARD_
BIST_
TMODE
AUTO_
HARD
RESET
AUTO_
N_RETRIES[1:0]
AUTO_
RETRY
RESET
SOFTRES
ET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com