Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302B Datasheet(PDF) 17 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 13Page - ON Semiconductor FUSB302B Datasheet HTML 14Page - ON Semiconductor FUSB302B Datasheet HTML 15Page - ON Semiconductor FUSB302B Datasheet HTML 16Page - ON Semiconductor FUSB302B Datasheet HTML 17Page - ON Semiconductor FUSB302B Datasheet HTML 18Page - ON Semiconductor FUSB302B Datasheet HTML 19Page - ON Semiconductor FUSB302B Datasheet HTML 20Page - ON Semiconductor FUSB302B Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
FUSB302B
www.onsemi.com
17
Table 13. IO SPECIFICATIONS
Symbol
Unit
TA = −40 to +855C
TA = −40 to +1055C (Note 11)
TJ = −40 to +1255C
Conditions
VDD (V)
Parameter
Symbol
Unit
Max
Typ
Min
Conditions
VDD (V)
Parameter
I2C INTERFACE PINS – STANDARD, FAST, OR FAST MODE PLUS SPEED MODE (SDA, SCL) (Note 6)
VHYS
Hysteresis of Schmitt
Trigger Inputs
3.0 to 5.5
94
−
−
mV
II2C
Input Current of SDA and
SCL Pins
3.0 to 5.5
Input Voltage 0.26 V to 2
.0 V
−10
−
10
mA
ICCTI2C
VDD Current when SDA or
SCL is HIGH
3.0 to 5.5
Input Voltage 1.8 V
−10
−
10
mA
VOLSDA
Low-Level Output Voltage
(Open-Drain)
3.0 to 5.5
IOL = 2 mA
0
−
0.35
V
IOLSDA
Low-Level Output Current
(Open-Drain)
3.0 to 5.5
VOLSDA = 0.4 V
20
−
−
mA
CI
Capacitance for Each I/O
Pin (Note 7)
3.0 to 5.5
−
5
−
pF
6. I2C pull up voltage is required to be between 1.71 V and VDD.
Table 14. I2C SPECIFICATIONS FAST MODE PLUS I2C SPECIFICATIONS
Symbol
Parameter
Fast Mode Plus
Unit
Min
Max
fSCL
I2C_SCL Clock Frequency
0
1000
kHz
tHD;STA
Hold Time (Repeated) START Condition
0.
26
−
ms
tLOW
Low Period of I2C_SCL Clock
0.5
−
ms
tHIGH
High Period of I2C_SCL Clock
0.26
−
ms
tSU;STA
Set-up Time for Repeated START Condition
0.26
−
ms
tHD;DAT
Data Hold Time
0
−
ms
tSU;DAT
Data Set-up Time
50
−
ns
tr
Rise Time of I2C_SDA and I2C_SCL Signals (Note 7)
−
120
ns
tf
Fall Time of I2C_SDA and I2C_SCL Signals (Note 7)
6
120
ns
tSU;STO
Set−up Time for STOP Condition
0.26
−
ms
tBUF
Bus-Free Time between STOP and START Conditions (Note 7)
0.5
−
ms
tSP
Pulse Width of Spikes that Must Be Suppressed by the Input Filter
0
50
ns
Cb
Capacitive Load for each Bus Line (Note 7)
−
550
pF
tVD−DAT
Data Valid Time for Data from SCL LOW to SDA HIGH or LOW Output (Note 7)
0
0.45
ms
tVD−ACK
Data Valid Time for acknowledge from SCL LOW to SDA HIGH or LOW Output
(Note 7)
0
0.45
ms
VnL
Noise Margin at the LOW Level (Note 7)
0.2
−
V
VnH
Noise Margin at the HIGH Level (Note 7)
0.4
−
V
7. Guaranteed by Characterization and/or Design. Not production tested
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com