Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302B Datasheet(PDF) 2 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 2 Page - ON Semiconductor

  FUSB302B Datasheet HTML 1Page - ON Semiconductor FUSB302B Datasheet HTML 2Page - ON Semiconductor FUSB302B Datasheet HTML 3Page - ON Semiconductor FUSB302B Datasheet HTML 4Page - ON Semiconductor FUSB302B Datasheet HTML 5Page - ON Semiconductor FUSB302B Datasheet HTML 6Page - ON Semiconductor FUSB302B Datasheet HTML 7Page - ON Semiconductor FUSB302B Datasheet HTML 8Page - ON Semiconductor FUSB302B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
FUSB302B
www.onsemi.com
2
Figure 1. Block Diagram
CC2
CC1
VBUS
VCONN
Charger
OVP
Processor
USB 3.1
USB Switch
TX1/RX1
TX2/RX2
5Gbps
I2C
t
USB Type-C
Detection
Control PD
FUSB302
USB Type-C
Connector
Table 1. ORDERING INFORMATION
Part Number
Top Mark
Operating
Temperature Range
Package
Shipping†
FUSB302BUCX
H4
−40 to 85
°C
9-ball Wafer-level Chip Scale
Package (WLCSP), 0.4 mm Pitch
3,000 / Tape and Reel
FUSB302BMPX
UA
−40 to 85
°C
14-lead MLP 2.5 mm
× 2.5 mm,
0.5 mm Pitch
FUSB302B01MPX
UP
FUSB302B10MPX
US
FUSB302B11MPX
UT
FUSB302BVMPX
DA
−40 to 105
°C
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com