Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302B Datasheet(PDF) 8 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 4Page - ON Semiconductor FUSB302B Datasheet HTML 5Page - ON Semiconductor FUSB302B Datasheet HTML 6Page - ON Semiconductor FUSB302B Datasheet HTML 7Page - ON Semiconductor FUSB302B Datasheet HTML 8Page - ON Semiconductor FUSB302B Datasheet HTML 9Page - ON Semiconductor FUSB302B Datasheet HTML 10Page - ON Semiconductor FUSB302B Datasheet HTML 11Page - ON Semiconductor FUSB302B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
FUSB302B
www.onsemi.com
8
Figure 7. SNK Software Flow
Disabled:
FUSB302B in low power
mode looking for an attach
Unattached.SNK:
Host software enables
FUSB302B pull−downs
and measure block to
detect attach
FUSB302B I_TOGDONE
interrupt alerts host
software that something
has attached.
Attached.SNK
Host software uses FUSB302B
comparators and DAC to determine
attach orientation and port type
AudioAccessory
DebugAccessory
FUSB302B I_VBUSOK interrupt
alerts host software that an attach
has occurred
FUSB302B I_VBUSOK interrupt
alerts host software that a detach has
occurred
Host software determines that an
accessory has been attached
FUSB302B I_COMP and I_VBUSOK
interrupts alert host software that a
accessory detach has occurred
Manual Host Detection and Configuration
When the FUSB302B is configured as a Type-C host, the
software can use the status of the comparators and DAC to
determine when a Type-C device has been attached or
detached and what termination type has been attached to
each CC pin.
The FUSB302B allows the host software to change the
charging current capabilities of the port through the
HOST_CUR control bits. If the HOST_CUR bits are
changed prior to attach, the FUSB302B automatically
indicates the programmed current capability when a device
is attached. If the current capabilities are changed after
a device is attached, the FUSB302B immediately changes
the CC line to the programmed capability.
Figure 8. HOST_CUR Changed after Attach
CC
HOST_CUR[1:0] = DEFAULT
HIGH CURRENT SETTING
MED CURRENT SETTING
0 V
ATTACH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com