Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB303
Description  Autonomous USB Port Controller with I2C and GPIO Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB303 Datasheet HTML 3Page - ON Semiconductor FUSB303 Datasheet HTML 4Page - ON Semiconductor FUSB303 Datasheet HTML 5Page - ON Semiconductor FUSB303 Datasheet HTML 6Page - ON Semiconductor FUSB303 Datasheet HTML 7Page - ON Semiconductor FUSB303 Datasheet HTML 8Page - ON Semiconductor FUSB303 Datasheet HTML 9Page - ON Semiconductor FUSB303 Datasheet HTML 10Page - ON Semiconductor FUSB303 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FUSB303
www.onsemi.com
7
In that case the FUSB303 provides functionality to resolve
to a stable attached state. This functionality can be turned
on and off via the REMEDY_EN and DCABLE_EN bits.
Multiple cases are tried and some of the register settings will
be changed to try to achieve stable attach. The I_REMEDY
interrupt will allow the processor to know that this
functionality has been triggered.
AUTOSNK Mode
When the FUSB303 is powered directly from VBAT the
AUTO_SNK_EN mode can be used to prevent the
application from attaching as a Source when the battery is
weak or disconnect and attach as a Sink.
With
AUTO_SNK_EN enabled the port will attempt to configure
as a Sink when attached to another DRP. If connected to
another Sink, the port will detach. The threshold at which
AUTOSNK can be triggered can be programmed via the
AUTH_SNK_TH bits.
The I_AUTOSNK interrupt is
triggered whenever this functionality is invoked.
Power Up, Initialization and Reset, Interrupt Operation,
I2C Interface
The FUSB303 includes a full I2C slave controller. The I2C
slave fully complies with the I2C specification version 6
requirements. This block is designed for fast mode.
Examples of an I2C write and read sequence are shown
Figure 5 and Figure 6 respectively.
NOTE:
Single byte write is initiated by Master with P immediately following the first data byte and slave A
Figure 5. I2C Write Example
S Slave Address WR
Register Address K
A
A Write Data
A Write Data K+1 A Write Data K+2
A Write Data K+N−1 A P
8bits
8bits
8bits
NOTE:
If Register is not specified Master will begin read from current register. In this case only sequence showing in Red bracket
is needed
Figure 6. I2C Write Example
Single or multi byte read executed from current register location (Single Byte
read is initiated by Master with NA immediately following first data byte
S Slave Address WR A Register Address K A S Slave Address RD A
Read Data K A Read Data K+1
A Read Data K+N−1NA P
8bits
8bits
8bits
8bits
Register address to Read specified
S
Start Condition
A
Acknowledge (SDA Low)
NA
NOT Acknowledge (SDA high)
WR
Write=O
RD
Read =1
P Stop Condition
From Master to Slave
From Slave to Master
When power is first applied, the FUSB303 will power up
in the configuration set by the PORT/DEBUG_N input with
Audio Accessory Support enabled and all interrupts
masked. If the ADDR/ORIENT input is HIGH or LOW (I2C
mode) the local processor can then re−configure the
FUSB303 to the desired mode and clear the global interrupt
mask bit, INT_MASK using the I2C interface. The
INT_N/OUT3 pin is an active LOW, open drain output. This
pin indicates to the host processor that an interrupt has
occurred in the FUSB303 which needs attention. The
INT_N/OUT3 pin is in a high impedance state by default
after power−up or device reset, and the global interrupt mask
(INT_MASK in Control register) is set. After INT_MASK
bit is cleared by the local processor, the INT_N/OUT3 pin
stays high impedance in preparation of future interrupts.
When an interruptible event occurs, INT_N/OUT3 is driven
LOW and is in a high impedance state again when the
processor clears the interrupt by writing a one in the position
of the interrupt bit that was set. Subsequent to the initial
power up or reset; if the processor writes a “1” to global
interrupt mask bit when the system is already powered up,
the INT_N/OUT3 pin stays in a high impedance state and
ignores all interrupts until the global interrupt mask bit
is cleared. If an event happens that would ordinarily cause
an interrupt when the global interrupt mask bit is set, the
INT_N/OUT3 pin goes LOW when the global interrupt
mask is cleared.
Interrupt bits hold their value and to clear a specific
interrupt, a “1” needs to be written to that interrupt bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com