Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FUSB303
Description  Autonomous USB Port Controller with I2C and GPIO Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303 Datasheet(HTML) 2 Page - ON Semiconductor

  FUSB303 Datasheet HTML 1Page - ON Semiconductor FUSB303 Datasheet HTML 2Page - ON Semiconductor FUSB303 Datasheet HTML 3Page - ON Semiconductor FUSB303 Datasheet HTML 4Page - ON Semiconductor FUSB303 Datasheet HTML 5Page - ON Semiconductor FUSB303 Datasheet HTML 6Page - ON Semiconductor FUSB303 Datasheet HTML 7Page - ON Semiconductor FUSB303 Datasheet HTML 8Page - ON Semiconductor FUSB303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
FUSB303
www.onsemi.com
2
Figure 1.
Typical I2C Application
VBUS
INT_N
SDA
SCL
SRC, SRC+Acc,
SNK, SNK+Acc,
DRP & DRP+Acc
State Machines
CC1
CC2
GND
FUSB303
I2C
Slave
Osc
BG
1.8V VDDIO
INT_N /
OUT3
SDA /
OUT1
SCL /
OUT2
EN_N
ADDR/
ORIENT
900k
PORT/
DEBUG_N
VDD
ID
VBUS_DET
(debug boot signals)
SYSTEM TEST
VBUS
SYS
FAN 54511
3.2A Charger
BAT
PMID
SW
BOOT
4.7
μF
CC Switches,
I(Rp)/Rd &
Comparators Block
VDD
Processor
(I2C master
section)
ID
FUSB340
(USB 3.1
2:1 MUX)
GND
SS Tx1/Rx1
SS Tx2/Rx2
SS Tx/Rx
USB 2.0
&3.1
PHY
INT_N /
OUT3
SDA /
OUT1
SCL /
OUT2
PORT/
DEBUG_N
EN_N
ADDR/
ORIENT
S
Internal pull−up
Internal pull−up
GPIO[1]
GPIO[2]
SNK or SRC
GPIO[1:2]=10/11: default
GPIO[1:2]=01: 1.5A
GPIO[1:2]=00: 3A
(debug boot signals)
SYSTEM
TEST
VBUS
SRC, SRC+Acc,
SNK, SNK+Acc,
DRP & DRP+Acc
State Machines
CC1
CC2
FUSB303
I2C
Slave
Osc
BG
CC Switches,
I(Rp)/Rd &
Comparators Block
VBUS_DET
VDD
ID
VBUS
SYS
FAN54511
3.2A Charger
BAT
PMID
SW
BOOT
GPIO[3]
VDD
Processor
(USB2.0/3.1 PHY
section)
Internal pull−up
GPIO[4]
If no processor available,
tie ID to gate of Source
PMOSFET, EN_N to GND
and leave SDA/OUT1 &
SCL/OUT2 unconnected.
Figure 2. Typical GPIO Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com