Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FUSB303
Description  Autonomous USB Port Controller with I2C and GPIO Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FUSB303 Datasheet HTML 6Page - ON Semiconductor FUSB303 Datasheet HTML 7Page - ON Semiconductor FUSB303 Datasheet HTML 8Page - ON Semiconductor FUSB303 Datasheet HTML 9Page - ON Semiconductor FUSB303 Datasheet HTML 10Page - ON Semiconductor FUSB303 Datasheet HTML 11Page - ON Semiconductor FUSB303 Datasheet HTML 12Page - ON Semiconductor FUSB303 Datasheet HTML 13Page - ON Semiconductor FUSB303 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
FUSB303
www.onsemi.com
10
Table 8. CURRENT CONSUMPTION
Symbol
Parameter
VDD (V)
Conditions
TA = −40 to +85
°C
TJ=−40 to +125
°C
Unit
Min.
Typ.
Max.
Idisable
Disabled Current
2.85 to 4.35
Disabled State EN N = HIGH or
not connected
5
mA
Istby
Unattached Sink (3.3 V I2C mode
without AUTOSNK or accessories)
2.85 to 4.35
Nothing attached
5
10
mA
Unattached DRP or Source
(3.3 V I2C mode without
AUTOSNK or accessories)
Nothing attached, Internally
Toggling
10
15
mA
Iattach
Attached Source or Sink
(3.3 V I2C mode without
AUTOSNK or accessories. Not
including Ixxx_CCX current)
2.85 to 4.35
Attached as a Sink or Source
10
15
mA
Table 9. TIMING PARAMETERS
Symbol
Parameter
TA = −40 to +85
°C
TJ=−40 to +125
°C
Unit
Min.
Typ.
Max.
Unit
tCCDebounce
Debounce Time for CC Attach Detection (TCCDEB[2:0] = 011)
−33%
TCCDE
B
+33%
ms
tPDDebounce
Time a Sink port shall wait before it can determine it is detached
10
15
20
ms
tTryCCDebounce
Time a port shall wait before it can determine it is re−attached during the
try−wait process
10
20
ms
tRpValueChange
Time a Sink port shall wait before it can determine there has been a
change in Rp
10
20
ms
tSRCDisconnect
Time a Source shall detect the SRC.Open state
10
20
ms
tErrorRecovery
Time staying in the ErrorRecovery State if sent there via the ERROR_REC
bit or by a change of port roles
25
50
100
ms
tDRPTry
Time staying in the Try.SRC/SNK prior to transition to TryWait.SRC/SNK
State
75
150
ms
tTryTimeout
Time to discharge VBUS before giving up for cases where VBUS is always
on.
550
1100
ms
tDRP
Sum of tDRPTogSNK and tDRPTogSRC
−33%
T_DRP
+33%
ms
tDRPTransition
Time DRP shall complete transitions between Source and Sink roles
0
1
ms
tDRPTogSNK
For DRP Operation, Time Spent in Unat-
tached.SNK before going to Unattached.SRC
State
DRPTOGGLE = 00
(Note 4)
70
%
DRPTOGGLE = 01
60
%
DRPTOGGLE = 10
50
%
DRPTOGGLE = 11
40
%
tDRPTogSRC
For DRP Operation, Time Spent in Unat-
tached.SRC before going to Unattached.SNK
State
DRPTOGGLE = 00
(Note 4)
30
%
DRPTOGGLE = 01
40
%
DRPTOGGLE = 10
50
%
DRPTOGGLE = 11
60
%
tEN
Time from EN_N LOW and VDD active to I2C
access available
2.85 to 5.5
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com