Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FUSB303
Description  Autonomous USB Port Controller with I2C and GPIO Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FUSB303 Datasheet HTML 5Page - ON Semiconductor FUSB303 Datasheet HTML 6Page - ON Semiconductor FUSB303 Datasheet HTML 7Page - ON Semiconductor FUSB303 Datasheet HTML 8Page - ON Semiconductor FUSB303 Datasheet HTML 9Page - ON Semiconductor FUSB303 Datasheet HTML 10Page - ON Semiconductor FUSB303 Datasheet HTML 11Page - ON Semiconductor FUSB303 Datasheet HTML 12Page - ON Semiconductor FUSB303 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
FUSB303
www.onsemi.com
9
Table 7. DC AND TRANSIENT CHARACTERISTICS
(Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA = 25°C and VDD = 3.3 V unless
otherwise specified.)
Symbol
Parameter
TA = −40 to +85
°C
TJ=−40 to +125
°C
Unit
Min.
Typ.
Max
TYPE C SPECIFIC PARAMETERS
I80_CCX
Source 80
mA CC Current (Default) HOST_CUR1 = 0, HOST_CUR0 = 1 or
via GPIO mode
64
80
96
mA
I180_CCX
Source 180
mA CC Current (1.5 A) HOST_CUR1 = 1, HOST_CUR0 = 0 or
via GPIO mode
166
180
194
mA
I330_CCX
Source 330
mA CC Current (3 A) HOST_CUR1 = 1, HOST_CUR0 = 1 or via
GPIO mode (Note 3)
304
330
356
mA
VSNKDB
Sink Pull−Down Voltage in Dead Battery Under all Pull−up Source Loads
2.18
V
Rd
Sink Pull−Down Resistance when VDD is within Operating Range
4.6
5.1
5.6
k
W
zOPEN
CC Resistance for Disabled State
126
k
W
vRa−SRCdef
Ra Detection Threshold for CC Pin for Source for Default Current on VBUS
(HOST_CUR1/0 = 01) or via GPIO mode
0.15
0.20
0.25
V
vRa−SRC1.5A
Ra Detection Threshold for CC Pin for Source for 1.5 A Current on VBUS
(HOST_CUR1/0 = 10) or via GPIO mode
0.35
0.40
0.45
V
vRa−SRC3A
Ra Detection Threshold for CC Pin for Source for 3 A Current on VBUS
(HOST_CUR1/0 = 11) or via GPIO mode
0.75
0.80
0.85
V
vRd−SRCdef
Rd Detection Threshold for Source for Default Current
(HOST_CUR1/0 = 01) or via GPIO mode
1.50
1.60
1.65
V
vRd−SRC1.5A
Rd Detection Threshold for Source for 1.5 A Current (HOST_CUR1/0 = 10)
or via GPIO mode
1.50
1.60
1.65
V
vRd−SRC3A
Rd Detection Threshold for Source for 3 A Current (HOST_CUR1/0 = 11) or
via GPIO mode (Note 3)
2.45
2.60
2.75
V
vRa−SNK
Ra Detection Threshold for CC Pin for Sink
0.15
0.20
0.25
V
vRd−def
Rd Default Current Detection Threshold for Sink
0.61
0.66
0.70
V
vRd−1.5A
Rd 1.5 A Current Detection Threshold for Sink
1.16
1.23
1.31
V
vRd−3.0A
Rd 3 A Current Detection Threshold for Sink
2.04
2.11
2.18
V
vVBUSthr
VBUS_DET Threshold when VBUSOK is deasserted
2.9
3.3
3.67
V
vVBUSdeb
VBUS_DET debounce time before VBUSOK is deasserted only
(see tDeb below for VBUSOK being asserted)
10
20
ms
vVBthLH
VBUS_DET Threshold when VBUSOK is asserted
3.67
4.07
4.48
V
tDeb
VBUS_DET debounce time before VBUSOK is asserted
250
500
ms
vVSAFEthr
vSafe0V VBUS_DET Threshold
0.8
V
vVSAFEthrhys
VSAFE0V VBUS_DET Threshold hysteresis
50
mV
rVBUSleak
Leakage between VBUS and GND when VBUS not sourced
72.4
k
W
rVBUSdschg
Effective resistance from VBUS and GND when VBUS is being discharged
from vSafe5V
VDD (V) = 2.85 to 5.5
2
k
Ω
rPullup
Pull up resistor to VDD value on EN_N pin
VDD (V) = 2.85 to 5.5
6
M
Ω
vAUTOSNKthr
Weak Battery VDD Threshold
−3%
AUTO
SNK_T
H
+3%
V
Ra
Resistor for discharging VCONN
VDD (V) = 2.85 to 5.5
1
k
Ω
3. VDD = 3 V when 3 A current advertised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com