Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303 Datasheet(PDF) 18 Page - ON Semiconductor

Part # FUSB303
Description  Autonomous USB Port Controller with I2C and GPIO Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FUSB303 Datasheet HTML 11Page - ON Semiconductor FUSB303 Datasheet HTML 12Page - ON Semiconductor FUSB303 Datasheet HTML 13Page - ON Semiconductor FUSB303 Datasheet HTML 14Page - ON Semiconductor FUSB303 Datasheet HTML 15Page - ON Semiconductor FUSB303 Datasheet HTML 16Page - ON Semiconductor FUSB303 Datasheet HTML 17Page - ON Semiconductor FUSB303 Datasheet HTML 18Page - ON Semiconductor FUSB303 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
FUSB303
www.onsemi.com
18
Table 26. INTERRUPT1
(Address: 15h, Reset Value: 0000_0000b, Type: Read/Write 1 to Clear)
Bit #
Name
Size (Bits)
Description
7
Reserved
1
Do Not Use
6
I_REM_VBOFF
1
1: Interrupt to request VBUS be turned off and discharged while executing
internal methods to achieve stable attach
5
I_REM_VBON
1
1: Interrupt to request VBUS be turned on while executing internal methods
to achieve stable attach
4
Reserved
1
Do Not Use
3
I_REM_FAIL
1
1: Interrupt to indicate that internal methods to achieve stable attach have
failed.
2
I_FRC_FAIL
1
1: Interrupt to indicate that FORCE_SRC or FORCE_SNK has failed to exe-
cute either because it was being forced into a state it was already in or for
other reasons
1
I_FRC_SUCC
1
1: Interrupt to indicate that FORCE_SRC or FORCE_SNK has successfully
being executed.
0
I_REMEDY
1
1: Interrupt to indicate that detection issues caused FUSB303 to employ
internal methods to achieve stable attach



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com