Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303 Datasheet(PDF) 15 Page - ON Semiconductor

Part # FUSB303
Description  Autonomous USB Port Controller with I2C and GPIO Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FUSB303 Datasheet HTML 11Page - ON Semiconductor FUSB303 Datasheet HTML 12Page - ON Semiconductor FUSB303 Datasheet HTML 13Page - ON Semiconductor FUSB303 Datasheet HTML 14Page - ON Semiconductor FUSB303 Datasheet HTML 15Page - ON Semiconductor FUSB303 Datasheet HTML 16Page - ON Semiconductor FUSB303 Datasheet HTML 17Page - ON Semiconductor FUSB303 Datasheet HTML 18Page - ON Semiconductor FUSB303 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
FUSB303
www.onsemi.com
15
Table 17. CONTROL1
(Address: 05h, Reset Value: 1011_0011b, Type: Read/Write)
Bit #
Name
Size (Bits)
Description
7
REMEDY_EN
1
1: Enable the Remedy detection to employ internal methods to
achieve stable attach
6:5
AUTO_SNK_TH
[1:0]
2
Sets the weak battery VDD threshold voltage when
AUTO_SNK_EN is enabled.
00: 3.0 V
01: 3.1 V
10: 3.2 V
11: 3.3 V
4
AUTO_SNK_EN
1
1: Enable automatic Sink port role based on weak battery VDD
threshold in bits AUTO_SNK_TH in Control register below
3
ENABLE
1
1: Enable the FUSB303 if the external EN_N pin is LOW in I2C
mode (that is, not in GPIO mode)
2:0
TCCDEB[2:0]
3
Controls debounce time for attaching a device
000: 120 ms
001: 130 ms
010: 140 ms
011: 150 ms
100: 160 ms
101: 170 ms
110: 180 ms
111: Reserved
Table 18. Manual (Note 10)
(Address: 09h, Reset Value: 0000_0000b, Type: Read/Write (see bits below: W/C = Write one self clearing, R/W = Read/Write and N/A =
Not Applicable)
Bit #
Name
R/W/C
Size (Bits)
Description
7:6
Reserved
N/A
2
Do Not Use
5
FORCE_SRC
W/C
1
1: Forces the FUSB303 to behave as a Source
4
FORCE_SNK
W/C
1
1: Forces the FUSB303 to behave as a Sink
3
UNATT_SNK
W/C
1
1: Put device in Unattached.SNK State as defined in the Type C spec
2
UNATT_SRC
W/C
1
1: Put device in Unattached.SRC state as defined in the Type C spec
1
DISABLED
(Note 11)
R/W
1
1: Put device in Disabled state as defined in the Type C spec
0
ERROR_REC
W/C
1
1: Put device in ErrorRecovery state as defined in the Type C spec
10. If more than one bit is set to 1b simultaneously then an order of priority will be used. First priority is DISABLED, second is ERROR_REC,
third is FORCE_SRC, fourth is FORCE_SNK, fifth is UNATT_SRC, last is UNATT_SNK. The highest priority bit will take precedence and
all other bits will be cleared automatically.
11. The DISABLED bit must be manually cleared. Also DISABLED bit has a higher priority over Portrole register since the DISABLED bit has
to be cleared in order to execute the new Portrole register settings. However, all other Manual register bits don’t have a lot of meaning if
the Portrole register is changed and so Portrole register setting should have higher priority than all bits except for DISABLED bit.
Table 19. RESET
(Address: 0Ah, Reset Value: 0000_0000b, Type: Write/Clear)
Bit #
Name
Size (Bits)
Description
7:1
Reserved
7
Do Not Use
0
SW_RES
1
1: Reset the FUSB303 and I2C Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com