Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303 Datasheet(PDF) 17 Page - ON Semiconductor

Part # FUSB303
Description  Autonomous USB Port Controller with I2C and GPIO Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FUSB303 Datasheet HTML 11Page - ON Semiconductor FUSB303 Datasheet HTML 12Page - ON Semiconductor FUSB303 Datasheet HTML 13Page - ON Semiconductor FUSB303 Datasheet HTML 14Page - ON Semiconductor FUSB303 Datasheet HTML 15Page - ON Semiconductor FUSB303 Datasheet HTML 16Page - ON Semiconductor FUSB303 Datasheet HTML 17Page - ON Semiconductor FUSB303 Datasheet HTML 18Page - ON Semiconductor FUSB303 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
FUSB303
www.onsemi.com
17
Table 23. STATUS1
(Address: 12h, Reset Value: 0000_0000b, Type: Read Only)
Bit #
Name
Size (Bits)
Description
7:2
Reserved
6
Do Not Use
1
FAULT
1
1: Status to indicate that as a Sink, CC has exceed the normal vRd voltage
range
0
REMEDY
1
1: Status to indicate that FUSB303 is employing internal methods to achieve
a stable attach
Table 24. TYPE
(Address: 13h, Reset Value: 0000_0000b, Type: Read Only)
Bit #
Name
Size (Bits)
Description
7
Reserved
1
Do Not Use
6
DEBUGSRC
1
1: FUSB303 is attached as a Source Debug Accessory
([Unoriented/Oriented]DebugAccessory.SRC)
5
DEBUGSNK
1
1: FUSB303 is attached as a Sink Debug Accessory
(DebugAccessory.SNK)
4
SINK
1
1: FUSB303 is attached as a Sink (Attached.SNK)
3
SOURCE
1
1: FUSB303 is attached as a Source (Attached.SRC)
2
ACTIVECABLE
1
1: FUSB303 is attached to an Active Cable (Ra detected)
1
AUDIOVBUS
1
1: Indicates an Audio Accessory with VBUS has been detected
(AudioAccessory with VBUS)
0
AUDIO
1
1: Indicates an Audio Accessory without VBUS has been detected
(AudioAccessory without VBUS)
Table 25. INTERRUPT
(Address: 14h, Reset Value: 0000_0000b, Type: Read/Write 1 to Clear)
Bit #
Name
Size (Bits)
Description
7
Reserved
1
Do Not Use
6
I_ORIENT
1
1: Interrupt flagged whenever ORIENT changes from 0,0 to 0,1 or 1,0 but
not 1,1. Interrupt not flagged when ORIENT is cleared.
5
I_FAULT
1
1: Interrupt flagged when CC1 or CC2 voltage exceeds normal Rd range
when FUSB303 has Rd termination on CC1 and/or CC2
4
I_VBUS_CHG
1
1: Interrupt flagged when VBUS has crossed vVBUSthr or vVBthLH thresh-
olds
3
I_AUTOSNK
1
1: Interrupt flagged when AUTOSNK mode has been activated or deactivat-
ed
2
I_BC_LVL
1
1: Interrupt flagged when a change in BC_LVL[1:0] advertised current level
has occurred
1
I_DETACH
1
1: Interrupt flagged when a device or accessory has been detached
0
I_ATTACH
1
1: Interrupt flagged when a device or accessory of type indicated in the Type
register has been attached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com